Electronic Components Datasheet Search
  English  ▼

X  

KP1040LETL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP1040LETL
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1040LETL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP1040LETL Datasheet HTML 1Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 2Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 3Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 4Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 5Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 6Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 7Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 8Page - COSMO  Electronics Corporation KP1040LETL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P03001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP1040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
5
10
2
3
4
6
5
7
5mA
9
8
20mA
I =30mA
20
15
25
30
Ta=25°
10mA
C
F
-55
0
-25
50
25
50
115
75
I =5m A
V
=5V
150
100
0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
-5 5
0
50
2 5
75
1 15
Ic= 1m A
0 .0 2
0 .0 4
0 .0 6
0 .1 0
0 .0 8
0 .1 2
0 .1 6
0 .1 4
I = 2 0m A
F
0
5
0
10
1
2
3
5
4
6
7
C
Ta=2 5°
Ic= 7m A
Ic= 5m A
Ic= 3m A
Ic= 1m A
Ic= 0.5m A
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
1 0
1
0 .1
tr
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
Ic = 2 m A
V
= 2 V
T a = 2 5 ° C
C E
1 0
0 .1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
I c = 2 m A
V
= 2 V
1 0 0
5 0
C
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com