Electronic Components Datasheet Search
  English  ▼

X  

FDC37B776 Datasheet(PDF) 9 Page - SMSC Corporation

Part # FDC37B776
Description  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B776 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button FDC37B776 Datasheet HTML 5Page - SMSC Corporation FDC37B776 Datasheet HTML 6Page - SMSC Corporation FDC37B776 Datasheet HTML 7Page - SMSC Corporation FDC37B776 Datasheet HTML 8Page - SMSC Corporation FDC37B776 Datasheet HTML 9Page - SMSC Corporation FDC37B776 Datasheet HTML 10Page - SMSC Corporation FDC37B776 Datasheet HTML 11Page - SMSC Corporation FDC37B776 Datasheet HTML 12Page - SMSC Corporation FDC37B776 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 196 page
background image
9
Note 7:
The “activate” bit for Serial Port 2 (CIrCC) is reset by VTR POR only. The VCC power-up
default for this pin is Logic “1”. Do not use this pin for infrared transceivers that are
transmit active high.
Buffer Type Descriptions
I
Input, TTL compatible.
IS
Input with Schmitt trigger.
IOD16
Input/Open Drain Output, 16mA sink.
IO24
Input/Output, 24mA sink, 12mA source.
IO4
Input/Output, 4mA sink, 2mA source.
O4
Output, 4mA sink, 2mA source.
O24
Output, 24mA sink, 12mA source.
OD24
Output, Open Drain, 24mA sink.
ICLK
Clock Input
IO12
Input/Output, 12mA sink, 6mA source
O12
Output, 12mA sink, 6mA source
OD12
Output, Open Drain, 12 mA sink
O24PD Output, 12mA sink, 6mA source with 30
µA pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com