Electronic Components Datasheet Search
  English  ▼

X  

BF800 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # BF800
Description  Discrete Semiconductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

BF800 Datasheet(HTML) 1 Page - American Microsemiconductor

  BF800 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - BF800

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BF8000A024 LOVATO-BF8000A024 Datasheet
198Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 50/60HZ, 24VAC
BF8000A110 LOVATO-BF8000A110 Datasheet
198Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 50/60HZ, 110VAC
BF8000A12060 LOVATO-BF8000A12060 Datasheet
197Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 60HZ, 120VAC
BF8000A22060 LOVATO-BF8000A22060 Datasheet
197Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 60HZ, 220VAC
BF8000A230 LOVATO-BF8000A230 Datasheet
198Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 50/60HZ, 230VAC
More results

Similar Description - BF800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
52Kb / 8P
DISCRETE SEMICONDUCTORS
2002 Mar 04
logo
Dc Components
MJE13003 DCCOM-MJE13003 Datasheet
79Kb / 1P
DISCRETE SEMICONDUCTORS
logo
American Microsemicondu...
3N201 AMMSEMI-3N201 Datasheet
116Kb / 1P
Discrete Semiconductors
3N203 AMMSEMI-3N203 Datasheet
116Kb / 1P
Discrete Semiconductors
3N206 AMMSEMI-3N206 Datasheet
116Kb / 1P
Discrete Semiconductors
BF804 AMMSEMI-BF804 Datasheet
116Kb / 1P
Discrete Semiconductors
BF806 AMMSEMI-BF806 Datasheet
116Kb / 1P
Discrete Semiconductors
BFW56 AMMSEMI-BFW56 Datasheet
116Kb / 1P
Discrete Semiconductors
E8518A AMMSEMI-E8518A Datasheet
116Kb / 1P
Discrete Semiconductors
E8519 AMMSEMI-E8519 Datasheet
116Kb / 1P
Discrete Semiconductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com