Electronic Components Datasheet Search
  English  ▼

X  

LM4841 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4841
Description  Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4841 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM4841 Datasheet HTML 11Page - National Semiconductor (TI) LM4841 Datasheet HTML 12Page - National Semiconductor (TI) LM4841 Datasheet HTML 13Page - National Semiconductor (TI) LM4841 Datasheet HTML 14Page - National Semiconductor (TI) LM4841 Datasheet HTML 15Page - National Semiconductor (TI) LM4841 Datasheet HTML 16Page - National Semiconductor (TI) LM4841 Datasheet HTML 17Page - National Semiconductor (TI) LM4841 Datasheet HTML 18Page - National Semiconductor (TI) LM4841 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Application Information (Continued)
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATIONS
The LM4841’s exposed-DAP (die attach paddle) packages
(MH,LQ) provide a low thermal resistance between the die
and the PCB to which the part is mounted and soldered. This
allows rapid heat transfer from the die to the surrounding
PCB copper traces, ground plane and, finally, surrounding
air. The result is a low voltage audio power amplifier that
produces 2.1W at
≤ 1% THD with a 4Ω load. This high power
is achieved through careful consideration of necessary ther-
mal design. Failing to optimize thermal design may compro-
mise the LM4841’s high power performance and activate
unwanted, though necessary, thermal shutdown protection.
The MH and LQ packages must have their exposed DAPs
soldered to a grounded copper pad on the PCB. The DAP’s
PCB copper pad is connected to a large grounded plane of
continuous unbroken copper. This plane forms a thermal
mass heat sink and radiation area. Place the heat sink area
on either outside plane in the case of a two-sided PCB, or on
an inner layer of a board with more than two layers. Connect
the DAP copper pad to the inner layer or backside copper
heat sink area with 32(4x8) (MH) vias or 6(3x2) LQ. The via
diameter should be 0.012in–0.013in with a 1.27mm pitch.
Ensure efficient thermal conductivity by plating-through and
solder-filling the vias.
Best thermal performance is achieved with the largest prac-
tical copper heat sink area. If the heatsink and amplifier
share the same PCB layer, a nominal 2.5in
2 (min) area is
necessary for 5V operation with a 4
Ω load. Heatsink areas
not placed on the same PCB layer as the LM4841MH and
LQ packages should be 5in
2 (min) for the same supply
voltage and load resistance. The last two area recommen-
dations apply for 25˚C ambient temperature. Increase the
area to compensate for ambient temperatures above 25˚C.
The junction temperature must be held below 150˚C to pre-
vent activating the LM4841’s thermal shutdown protection.
The LM4841’s power de-rating curve in the Typical Perfor-
mance Characteristics shows the maximum power dissipa-
tion versus temperature. Example PCB layouts for the
exposed-DAP TSSOP and LQ packages are shown in the
Demonstration Board Layout section. Further detailed and
specific information concerning PCB layout and fabrication is
available in National Semiconductor’s AN1187.
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.1W to 2.0W.
This problem of decreased load dissipation is exacerbated
as load impedance decreases. Therefore, to maintain the
highest load dissipation and widest output voltage swing,
PCB traces that connect the output pins to a load must be as
wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 2, the LM4841 output stage consists of
two pairs of operational amplifiers, forming a two-channel
(channel A and channel B) stereo amplifier. (Though the
following discusses channel A, it applies equally to channel
B.)
Figure 2 shows that the first amplifier’s negative (-) output
serves as the second amplifier’s input. This results in both
amplifiers producing signals identical in magnitude, but 180˚
out of phase. Taking advantage of this phase difference, a
load is placed between −OUTA and +OUTA and driven dif-
ferentially (commonly referred to as “bridge mode”). This
results in a differential gain of
A
VD =2 * (RGFA/RGIA)
(1)
20028096
FIGURE 4. Single-ended output signal (Trace B) is devoid of transients. The SHUTDOWN pin is driven by a shutdown
signal (Trace A). The inverting output (Trace C) and the V
BYPASS output (Trace D) are applied across a 32
Ω BTL load.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com