Electronic Components Datasheet Search
  English  ▼

X  

KP3020LBTL Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP3020LBTL
Description  8PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP3020LBTL Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP3020LBTL Datasheet HTML 1Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 2Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 3Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 4Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 5Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 6Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 7Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 8Page - COSMO  Electronics Corporation KP3020LBTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P12001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP3020 Series
8PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
5
10
2
3
4
6
5
7
5mA
9
8
20mA
I =30mA
20
15
25
30
Ta=25°
10mA
C
F
-55
0
-25
50
25
50
115
75
I =1mA
V
=5V
150
100
0
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
0
- 5 5
4 0
20
60
8 0
1 00 1 15
0. 08
0. 04
0. 02
0. 01
0. 03
0. 06
0. 05
0. 07
Ic=1mA
I =20mA
0. 1
0. 09
F
1 5
1 2
9
7
5
3
1
0
0
1
2
4
3
5
6
I c = 5 m A
I c = 7 m A
I c = 1 m A
I c = 3 m A
I c = 0 . 5 m A
T a = 2 5 C
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time ( Rise )
vs. Load Resistance
Fig.11 Response Time ( Fall )
vs. Load Resistance
10
0
C
T a=25°
0.5
0.2
0.1
1
2
5
10
20
tr
Ic=2m A
V
=2V
100
50
100
C E
1 0 0
1 0
0
C
T a = 2 5 °
0 .2
0 .1
1
0 .5
2
5
2 0
1 0
1 0 0
5 0
Ic= 2 m A
V
= 2 V
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com