Electronic Components Datasheet Search
  English  ▼

X  

KP30200ATR Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KP30200ATR
Description  8PIN PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP30200ATR Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KP30200ATR Datasheet HTML 1Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 2Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 3Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 4Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 5Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 6Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 7Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 8Page - COSMO  Electronics Corporation KP30200ATR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P12001.2
- 1 -
http://www.cosmo-ic.com
cosmo
KP3020 Series
8PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The KP3020 series consist of two infrared emitting
diodes, connected in inverse parallel, optically coupled
to a phototransistor detector. They are packaged in an
8-pin DIP package and available in wide-lead spacing
and SMD option.
Schematic
6
3
4
5
2
1
7
8
1、2. Anode, Cathode
3、4. Anode, Cathode
5、7. Emitter
6、8. Collector
Features
1.
Current transfer ratio
( CTR:Min. 60% at IF=±1mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Compact dual-in-line package.
4.
AC input
5.
Pb free and RoHS compliant
6.
MSL class 1
7.
Agency Approvals
UL Approved (No. E169586): UL1577
c-UL Approved (No. E169586)
VDE Approved (No. 101347): DIN EN60747-5-5
FIMKO Approved: EN60065, EN60950, EN60335
SEMKO Approved: EN60065, EN60950, EN60335
Applications
• System appliances
• Limit Switches
• Sensors
• Programmable controllers applications for Low Input Photocouplers and High Vceo Photocouplers
• Telephone sets
• Telephone exchangers
• Thermostats
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - KP30200ATR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3020 COSMO-KP3020 Datasheet
404Kb / 2P
HIGH RELIABLILTY PHOTOCOUPLER
logo
KODENSHI_AUK CORP.
KP3020BSKA2C-GD KODENSHI-KP3020BSKA2C-GD Datasheet
172Kb / 5P
Plastic leaded chip carrier
KP3020BSKA2C-LM2 KODENSHI-KP3020BSKA2C-LM2 Datasheet
179Kb / 5P
Plastic leaded chip carrier
KP3020BSKA2C-RB KODENSHI-KP3020BSKA2C-RB Datasheet
163Kb / 5P
Skyblue LED
KP3020O60A1C KODENSHI-KP3020O60A1C Datasheet
127Kb / 4P
Orange LED
More results

Similar Description - KP30200ATR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KTLP250 COSMO-KTLP250_15 Datasheet
330Kb / 12P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com