Electronic Components Datasheet Search
  English  ▼

X  

AO4701 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4701
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4701 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4701 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4701 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AO4701
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.7
-1
-1.3
V
ID(ON)
-25
A
42.5
49
TJ=125°C
74
54
64
m
Ω
83
120
m
Ω
gFS
711
S
VSD
-0.75
-1
V
IS
-3
A
Ciss
952
pF
Coss
103
pF
Crss
77
pF
Rg
5.9
Ω
Qg
9.5
nC
Qgs
2nC
Qgd
3.1
nC
tD(on)
12
ns
tr
4ns
tD(off)
37
ns
tf
12
ns
trr
21
ns
Qrr
13
nC
SCHOTTKY PARAMETERS
VF
0.45
0.5
V
0.007
0.05
3.2
10
12
20
CT
37
pF
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
IF=-5A, dI/dt=100A/µs
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-15V, ID=-4A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=3.6Ω,
RGEN=6Ω
m
Ω
VGS=-4.5V, ID=-4A
IS=-1A,VGS=0V
VDS=-5V, ID=-5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-24V, VGS=0V
VDS=0V, VGS=±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-5A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-2.5V, ID=-1A
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-5A
Reverse Transfer Capacitance
Forward Voltage Drop
IF=1.0A
Irm
Maximum reverse leakage current
VR=30V
mA
VR=30V, TJ=125°C
VR=30V, TJ=150°C
Junction Capacitance
VR=15V
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any a given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA
id
i l
l
ti
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com