Electronic Components Datasheet Search
  English  ▼

X  

F06 Datasheet(PDF) 4 Page - XP Power Limited

Part # F06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F06 Datasheet(HTML) 4 Page - XP Power Limited

  F06 Datasheet HTML 1Page - XP Power Limited F06 Datasheet HTML 2Page - XP Power Limited F06 Datasheet HTML 3Page - XP Power Limited F06 Datasheet HTML 4Page - XP Power Limited F06 Datasheet HTML 5Page - XP Power Limited F06 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4722AV03
PAGE 4
WWW.XPPOWER.COM
F SERIES
MECHANICAL SPECIFICATIONS F02-F60
PIN #
FUNCTION
1
(+) Input
2
(-) Input
3
(+) Output
4
(-) Output
5
Dual Output/Center Tap (optional)
PARAMETER
VALUE
WEIGHT
<5 OZ (142 GRAMS)
VOLUME
4.0 cu. In. (66.3 cc)
DIMENSIONS
2.80L (71.1L) x 1.70W (43.2W) x 0.85H (21.6H)
CASE MATERIAL
Black Anodized Aluminum
#4/M3 CLEARANCE
5*
2
4
1
3
BOTTOM VIEW
2 HOLES.
MTG HOLE (OPTIONAL)
2.80
(71.1)
0.20
(5.1)
0.85 (21.6)
0.20
(5.1)
0.800
(20.32)
(0.85)
(21.6)
1.200
(30.48)
0.35
(8.9)
0.500
(12.70)
0.20
(5.1)
2.400
(60.96)
PC PINS
0.031
(0.79)
0.45
(11.4)
1.000
(25.40)
1.70
(43.2)
PCB LAYOUT
COMPONENT SIDE
1
2
4
3
5
0.250 (6.35)
0.100 (2.54)
0.400 (10.16)
0.900 (22.86)
0.800 (20.32)
1.050 (26.67)
LOCATION OF
MTG. HOLES (OPTIONAL)
0.140 (3.56) 2PL
TOP VIEW
1.300
(33.02)
TOP VIEW
RECOMMENDED
HOLE & PAD O.D. SIZE:
0.052 (1.32) & 0.082 (2.08)
*5 PLACES
0
*
OPTIONAL
DUAL OUTPUT
(CENTER TAP)
Ø
Ø
Ø
NOTE: CASE IS INTERNALLY CONNECTED TO (-) INPUT.
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.02 (0.51), .XXX = +-0.005 ( 0.127)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com