Electronic Components Datasheet Search
  English  ▼

X  

F08 Datasheet(PDF) 3 Page - XP Power Limited

Part # F08
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

F08 Datasheet(HTML) 3 Page - XP Power Limited

  F08 Datasheet HTML 1Page - XP Power Limited F08 Datasheet HTML 2Page - XP Power Limited F08 Datasheet HTML 3Page - XP Power Limited F08 Datasheet HTML 4Page - XP Power Limited F08 Datasheet HTML 5Page - XP Power Limited F08 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4722AV03
PAGE 3
WWW.XPPOWER.COM
PARAMETER
VALUE
INPUT VOLTAGE
0 TO 12V (F02 TO F20)
0 TO 15V (F30 TO F80)
TURN-ON VOLTAGE
<0.7V
INPUT CURRENT
<500MA, NO LOAD
<1.5A, FULL LOAD
ISOLATION
< +/-3.5kV BIAS (F02 TO F60)
< +/-500V BIAS (F70 TO F80)
INPUT CAPACITANCE
~240uF
RESPONSE TIME
260 ms (typical)
OUTPUT VOLTAGE TOLERANCE
+/-5% (Full Load, 100% output voltage)
FREQUENCY
25 kHz TO 125 kHz
OPERATING TEMPERATURE*5
-10C to +70C (Case)
STORAGE TEMPERATURE
-25C to +90C
F-SERIES ELECTRICAL SPECIFICATIONS*3
F SERIES
Rectifier &
Multiplier
Transformer
Oscillator
3
(+) Output
5
Center tap (for Dual output option)
4
(-) Output
1
(+) In
2
(-) In
BLOCK DIAGRAM
HOT SPOT CASE TEMPERATURE POINT
DIMENSIONS ARE IN INCHES (METRIC EQUIVALENTS ARE IN PARENTHESIS)
DIMENSIONAL TOLERANCES: .XX = +-0.03 (0.76), .XXX = +-0.005 ( 0.127)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com