Electronic Components Datasheet Search
  English  ▼

X  

G06 Datasheet(PDF) 10 Page - XP Power Limited

Part # G06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G06 Datasheet(HTML) 10 Page - XP Power Limited

Back Button G06 Datasheet HTML 2Page - XP Power Limited G06 Datasheet HTML 3Page - XP Power Limited G06 Datasheet HTML 4Page - XP Power Limited G06 Datasheet HTML 5Page - XP Power Limited G06 Datasheet HTML 6Page - XP Power Limited G06 Datasheet HTML 7Page - XP Power Limited G06 Datasheet HTML 8Page - XP Power Limited G06 Datasheet HTML 9Page - XP Power Limited G06 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4726BH01
PAGE 10
WWW.XPPOWER.COM
* Notes:
1. At maximum rated output voltage.
2. Output voltage is load dependent. Under light or no load conditions, reduce input voltage so maximum rated output voltage is not exceeded.
3. Specifications after 30 minute warm up, full load, at 25C unless otherwise indicated.
4. For dual output units [CT option], the negative output voltage will be ~20% larger than the positive output voltage with respect to the center tap pin.
5. Ripple Specifications for dual output units applies to the voltage between the positive and negative output terminals.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. The GPMT is only 0.4375W.
8. Models G40, G50 & G60 do not have internal bleeder resistors on the output. Provisions must be made externally to discharge the output capacitors.
XP EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP EMCO sales representative for more details.
HOW TO ORDER
Rectifier &
Multiplier
Transformer
Oscillator
(+) Output
Center tap (for Dual output option)
(-) Output
(+) In
(-) In
Model
Output Voltage (See table)
Center Tap (for dual output option)
EXAMPLE: G10CTAB (G-Model, 10-Output Voltage, CT-Center Tap, AB-Shielding & Mounting Enclosure)
PART NUMBER SELECTOR:
Model Number:
G10CTAB
Shielding & Mounting Enclosure (Optional)
G SERIES
BLOCK DIAGRAM
OPTION CODE TABLE
OPTION
ORDER CODE
MODELS
POLARITY
Positive / Negative reversible
Blank
ALL
Dual Output (center tap) option
CT
ALL
OPTIONS
Shielding and Mounting Enclosure
AB
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com