Electronic Components Datasheet Search
  English  ▼

X  

GP25 Datasheet(PDF) 1 Page - XP Power Limited

Part # GP25
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP25 Datasheet(HTML) 1 Page - XP Power Limited

  GP25 Datasheet HTML 1Page - XP Power Limited GP25 Datasheet HTML 2Page - XP Power Limited GP25 Datasheet HTML 3Page - XP Power Limited GP25 Datasheet HTML 4Page - XP Power Limited GP25 Datasheet HTML 5Page - XP Power Limited GP25 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
10
20
30
40
60
80
70
50
100
90
01
23
45
67
89
10
11
12
Input Voltage
Output Voltage vs. Input Voltage
4728X01
PAGE 1
WWW.XPPOWER.COM
MODEL
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT*1
GP01
100V
10mA
GP02
200V
5mA
GP03
300V
3.3mA
GP05
500V
2mA
GP06
600V
1.67mA
GP08
800V
1.25mA
GP10
1kV
1mA
GP12
1.2kV
840uA
GP15
1.5kV
660uA
GP20
2kV
500uA
GP25
2.5kV
400uA
GP30
3kV
340uA
GP40*5
4kV
250uA
GP50*5
5kV
200uA
GP60*5
6kV
166uA
100V to 6kV at 1W
PRODUCT DESCRIPTION
Proven
Reliability
GP SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Power Consumption
• Low Ripple, Low EMI / RFI
• Short Circuit Protected
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2.31 million hrs per Bellcore TR-332
• UL Certified Encapsulant, Meets 94V-0 Flammability
• RoHS Compliant
• Portable, Battery Powered
• Sustaining Ion Pumps
• Vacuum Gauges
• Photomultiplier Tubes
• Spectrometry
• Electrostatic Chuck
• Non-impact Printers
• Field Generation
• Piezo Devices
• Electrophoresis
• External Mounting Enclosure (AB Suffix)
The GP Series is a line of miniature DC to HV DC converters providing
100V to 6kV, positive or negative in a compact PC mount package.
This line features low power consumption, making it ideal for portable,
battery powered applications. The isolated output is proportional to the
input, and is linear from approximately 0.7 volts in. A low noise quasi-
sinewave oscillator and shielded transformer provide clean, reliable
DC to HV DC conversion with low EMI and RFI. The isolated output
allows for user selectable output polarity. No minimum load is required.


Similar Part No. - GP25

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP25 XPPOWER-GP25 Datasheet
2Mb / 4P
GP Series
26 May 2022
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
RELAY - LATCH 2 PDT, 2 AMP
logo
The Bergquist Company
GP2500 BERGQUIST-GP2500 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
GP2500-0.040-02-0404 BERGQUIST-GP2500-0.040-02-0404 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results

Similar Description - GP25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com