Electronic Components Datasheet Search
  English  ▼

X  

GP30 Datasheet(PDF) 2 Page - XP Power Limited

Part # GP30
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GP30 Datasheet(HTML) 2 Page - XP Power Limited

  GP30 Datasheet HTML 1Page - XP Power Limited GP30 Datasheet HTML 2Page - XP Power Limited GP30 Datasheet HTML 3Page - XP Power Limited GP30 Datasheet HTML 4Page - XP Power Limited GP30 Datasheet HTML 5Page - XP Power Limited GP30 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REVERSIBLE
MODEL
OUTPUT VOLTAGE*2 OUTPUT CURRENT*1
INPUT CURRENT
(NO LOAD)
INPUT CURRENT
(FULL LOAD)
RIPPLE
GP01
0 to 100V
10mA
<45mA
<150mA
<0.75%
GP02
0 to 200V
5mA
<45mA
<150mA
<1.75%
GP03
0 to 300V
3.3mA
<45mA
<125mA
<0.50%
GP05
0 to 500V
2mA
<15mA
<125mA
<0.50%
GP06
0 to 600V
1.67mA
<15mA
<125mA
<0.50%
GP08
0 to 800V
1.25mA
<25mA
<125mA
<0.75%
GP10
0 to 1kV
1mA
<15mA
<125mA
<0.75%
GP12
0 to 1.2kV
840uA
<15mA
<125mA
<0.75%
GP15
0 to 1.5kV
660uA
<20mA
<125mA
<0.75%
GP20
0 to 2kV
500uA
<30mA
<130mA
<0.75%
GP25
0 to 2.5kV
400uA
<30mA
<130mA
<1.0%
GP30
0 to 3kV
340uA
<40mA
<130mA
<1.0%
GP40*5
0 to 4kV
250uA
<50mA
<130mA
<1.0%
GP50*5
0 to 5kV
200uA
<75mA
<150mA
<1.5%
GP60*5
0 to 6kV
166uA
<85mA
<175mA
<1.0%
4728X01
PAGE 2
WWW.XPPOWER.COM
ELECTRICAL SPECIFICATIONS*
3
GP SERIES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com