Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080-33TC Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT49LW080-33TC
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080-33TC Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT49LW080-33TC Datasheet HTML 23Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 24Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 25Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 26Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 27Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 28Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 29Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 30Page - ATMEL Corporation AT49LW080-33TC Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27
AT49LW080/040
1966C–FLASH–03/02
ELECTRICAL CHARACTERISTICS IN A/A MUX MODE: Certain specifications differ
from the previous sections, when programming in A/A Mux Mode. The following subsec-
tions provide this data. Any information that is not shown here is not specific to A/A Mux
Mode and uses the FWH Mode specifications.
When the VPP voltage is ≤ VPPLK, read operations from memory or reading the Product
ID are enabled, but programming and erase functions are disabled. Placing VPPH1/2 on
VPP enables successful sector erase and program operations.
Notes:
1. Input leakage currents include high-Z output leakage for all bi-directional buffers with tri-state outputs.
2. Refer to PCI spec.
3. Inputs are not “5-volt safe.”
4. IIL may be changed on IC and ID pins (up to 200 µA) if pulled against internal pull-downs. Refer to the pin descriptions.
Notes:
1. If RST is asserted when the WSM is not busy (RY/BY = 1), the reset will complete within 100 ns.
2. A reset time, tPHAV, is required from the latter of RY/BY or RST going high until outputs are valid.
AC Waveforms for Reset Operations
A/A Mux Mode Interface DC Input/Output Specifications
Symbol
Parameter
Conditions
Min
Max
Unit
V
IH
(3)
Input High Voltage
0.5 V
CC
V
CC +0.5
V
V
IL
(3)
Input Low Voltage
-0.5
0.8
V
I
IL
(4)
Input Leakage Current
V
CC =VCC max,
Vout =VCC or GND
+10
µA
VOH
Output High Voltage
VCC =VCC min, IOH =-2.5mA
VCC =VCC min, IOH =-100µA
0.85 VCC Min
VCC =0.4
V
V
V
OL
Output Low Voltage
V
CC =VCC min, IOL =2 mA
0.4
V
C
IN
Input Pin Capacitance
13
pF
C
CLK
CLK Pin Capacitance
3
12
pF
LPIN
(2)
Recommended Pin Inductance
20
nH
Reset Operations
Symbol
Parameter
Min
Max
Unit
tPLPH
RST Pulse Low Time (If RST is tied to VCC, this specification is not
applicable.)
100
ns
t
PLRH
RST Low to Reset during Sector Erase or Program
(1)(2)
20
µs
VIH
VIL
VIH
VIL
tPLPH
tPLRH
RY/BY
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com