Electronic Components Datasheet Search
  English  ▼

X  

BFC51 Datasheet(PDF) 1 Page - Seme LAB

Part # BFC51
Description  4TH GENERATION MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFC51 Datasheet(HTML) 1 Page - Seme LAB

  BFC51 Datasheet HTML 1Page - Seme LAB BFC51 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/94
BVDSS
IDSS
IGSS
VGS(TH)
ID(ON)
RDS(ON)
VDSS
ID
IDM
VGS
PD
TJ , TSTG
TL
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.065)
2.13 (0.084)
5.25 (0.215)
BSC
2.87 (0.113)
3.12 (0.123)
TO247–AD Package Outline.
Dimensions in mm (inches)
Drain – Source Voltage
Continuous Drain Current
Pulsed Drain Current 1
Gate – Source Voltage
Total Power Dissipation @ Tcase = 25°C
Operating and Storage Junction Temperature Range
Lead Temperature : 0.063” from Case for 10 Sec.
VGS = 0V , ID = 250µA
VDS = VDSS
VDS = 0.8VDSS , TC = 125°C
VGS = ±30V , VDS = 0V
VDS = VGS , ID = 1.0mA
VDS > ID(ON) x RDS(ON) Max
VGS = 10V
VGS = 10V , ID = 0.5 ID [Cont.]
N–CHANNEL
ENHANCEMENT MODE
HIGH VOLTAGE
POWER MOSFETS
500
16
64
±30
240
–55 to 150
300
V
A
A
V
W
°C
Drain – Source Breakdown Voltage
Zero Gate Voltage Drain Current
(VGS = 0V)
Gate – Source Leakage Current
Gate Threshold Voltage
On State Drain Current 2
Drain – Source On State Resistance 2
500
250
1000
±100
24
16
0.40
V
µA
nA
V
A
Ω
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
µS , Duty Cycle < 2%
STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated)
BFC51
LAB
SEME
VDSS
500V
ID(cont)
16.0A
RDS(on)
0.40
Ω
Ω
4TH GENERATION MOSFET
Terminal 1
Gate
Terminal 2
Drain
Terminal 3
Source


Similar Part No. - BFC51

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFC51 ISC-BFC51 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - BFC51

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML5020BN SEME-LAB-SML5020BN Datasheet
30Kb / 2P
4TH GENERATION MOSFET
BFC61 SEME-LAB-BFC61 Datasheet
24Kb / 2P
4TH GENERATION MOSFET
BFC17 SEME-LAB-BFC17 Datasheet
30Kb / 2P
4TH GENERATION MOSFET
BFC47 SEME-LAB-BFC47 Datasheet
27Kb / 2P
4TH GENERATION MOSFET
BFC62 SEME-LAB-BFC62 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
BFC10 SEME-LAB-BFC10 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC12 SEME-LAB-BFC12 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC15 SEME-LAB-BFC15 Datasheet
31Kb / 2P
4TH GENERATION MOSFET
BFC41 SEME-LAB-BFC41 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
BFC45 SEME-LAB-BFC45 Datasheet
28Kb / 2P
4TH GENERATION MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com