Electronic Components Datasheet Search
  English  ▼

X  

BUB323Z Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUB323Z
Description  NPN Silicon Power Darlington
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUB323Z Datasheet(HTML) 2 Page - ON Semiconductor

  BUB323Z Datasheet HTML 1Page - ON Semiconductor BUB323Z Datasheet HTML 2Page - ON Semiconductor BUB323Z Datasheet HTML 3Page - ON Semiconductor BUB323Z Datasheet HTML 4Page - ON Semiconductor BUB323Z Datasheet HTML 5Page - ON Semiconductor BUB323Z Datasheet HTML 6Page - ON Semiconductor BUB323Z Datasheet HTML 7Page - ON Semiconductor BUB323Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUB323Z
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (Note 1)
Collector−Emitter Clamping Voltage (IC = 7.0 A)
(TC = − 40°C to +125°C)
VCLAMP
350
−
450
Vdc
Collector−Emitter Cutoff Current
(VCE = 200 V, IB = 0)
ICEO
−
−
100
mAdc
Emitter−Base Leakage Current
(VEB = 6.0 Vdc, IC = 0)
IEBO
−
−
50
mAdc
ON CHARACTERISTICS (Note 1)
Base−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 100 mAdc)
(IC = 10 Adc, IB = 0.25 Adc)
VBE(sat)
−
−
−
−
2.2
2.5
Vdc
Collector−Emitter Saturation Voltage
(IC = 7.0 Adc, IB = 70 mAdc)
(TC = 125°C)
(IC = 8.0 Adc, IB = 0.1 Adc)
(TC = 125°C)
(IC = 10 Adc, IB = 0.25 Adc)
VCE(sat)
−
−
−
−
−
−
−
−
−
−
1.6
1.8
1.8
2.1
1.7
Vdc
Base−Emitter On Voltage
(IC = 5.0 Adc, VCE = 2.0 Vdc)
(TC = − 40°C to +125°C)
(IC = 8.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.1
1.3
−
−
2.1
2.3
Vdc
Diode Forward Voltage Drop
(IF = 10 Adc)
VF
−
−
2.5
Vdc
DC Current Gain
(IC = 6.5 Adc, VCE = 1.5 Vdc)
(TC = − 40°C to +125°C)
(IC = 5.0 Adc, VCE = 4.6 Vdc)
hFE
150
500
−
−
−
3400
−
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
−
−
2.0
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
−
−
200
pF
Input Capacitance
(VEB = 6.0 V)
Cib
−
−
550
pF
CLAMPING ENERGY (See Notes)
Repetitive Non−Destructive Energy Dissipated at turn−off:
(IC = 7.0 A, L = 8.0 mH, RBE = 100 W) (see Figures 2 and 4)
WCLAMP
200
−
−
mJ
SWITCHING CHARACTERISTICS: Inductive Load (L = 10 mH)
Fall Time
(IC = 6.5 A, IB1 = 45 mA,
VBE(off) = 0, RBE(off) = 0,
VCC = 14 V, VZ = 300 V)
tfi
−
625
−
ns
Storage Time
tsi
−
10
30
ms
Cross−over Time
tc
−
1.7
−
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle = 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com