Electronic Components Datasheet Search
  English  ▼

X  

BQ3285LF Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ3285LF
Description  Y2K-Enhanced Real-Time Clock (RTC)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LF Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ3285LF Datasheet HTML 9Page - Texas Instruments BQ3285LF Datasheet HTML 10Page - Texas Instruments BQ3285LF Datasheet HTML 11Page - Texas Instruments BQ3285LF Datasheet HTML 12Page - Texas Instruments BQ3285LF Datasheet HTML 13Page - Texas Instruments BQ3285LF Datasheet HTML 14Page - Texas Instruments BQ3285LF Datasheet HTML 15Page - Texas Instruments BQ3285LF Datasheet HTML 16Page - Texas Instruments BQ3285LF Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Capacitance (T
A = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CI/O
Input/output capacitance
-
-
7
pF
VOUT = 0V
CIN
Input capacitance
-
-
5
pF
VIN = 0V
Note:
This parameter is sampled and not 100% tested. It does not include the X1 or X2 pin.
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0 to 2.3 V, VCC = 3V
Input rise and fall times
5 ns
Input and output timing reference levels
1.2 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 6 and 7
+3.3V
1238
50pF
For all outputs
except INT
1164
Figure 6. Output Load
+3.3V
1.45k
130pF
INT
Figure 7. Output Load B
bq3285LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com