Electronic Components Datasheet Search
  English  ▼

X  

BQ20851 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ20851
Description  SBS COMPLIANT GAS GAUGE IC FOR USE WITH THE BQ29311
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20851 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20851 Datasheet HTML 1Page - Texas Instruments BQ20851 Datasheet HTML 2Page - Texas Instruments BQ20851 Datasheet HTML 3Page - Texas Instruments BQ20851 Datasheet HTML 4Page - Texas Instruments BQ20851 Datasheet HTML 5Page - Texas Instruments BQ20851 Datasheet HTML 6Page - Texas Instruments BQ20851 Datasheet HTML 7Page - Texas Instruments BQ20851 Datasheet HTML 8Page - Texas Instruments BQ20851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
bq20851-V1P2
SLUS575 − AUGUST 2003
SBSCOMPLIANT GAS GAUGE IC
FOR USE WITH THE bq29311
FEATURES
D Provides Accurate Measurement of Available
Charge in Li-Ion and Li-Polymer Batteries
D Supports the Smart Battery Specification
(SBS) V1.1
D Integrated Time Base Removes Need for
External Crystal
D Works With the TI bq29311 Analog Front End
(AFE) Protection IC to Provide Complete Pack
Electronics for 10.8-V or 14.4-V Battery Packs
With Few External Components
D Based on a Powerful Low-Power RISC CPU
Core With High-Performance Peripherals
D Integrated Flash Memory Eliminates the Need
for External Configuration EEPROM
D Measures Charge Flow Using a High
Resolution 16-Bit Integrating Converter
− Better Than 3-nVh of Resolution
− Self-Calibrating
− Offset Error Less Than 1-
µV
D Uses 16-Bit Delta Sigma Converter for
Accurate Voltage and Temperature
Measurements
D Programmable Cell Modeling for Maximum
Battery Fuel Gauge Accuracy
D Drives 3-, 4-, or 5-Segment LED Display for
Remaining Capacity Indication
D 38-Pin TSSOP (DBT)
APPLICATIONS
D Notebook PCs
DESCRIPTION
The bq20851−V1P2 SBS-compliant gas gauge IC for
battery pack installation maintains an accurate record of
available charge in Li-ion or Li-polymer batteries. The
bq20851−V1P2 monitors capacity and other critical
parameters of the battery pack and reports the information
to the system host controller over a serial communication
bus. It is designed to work with the bq29311 analog
front-end (AFE) protection IC to maximize functionality
and safety and minimize component count and cost in
smart battery circuits. Using information from the
bq20851−V1P2,
the
host
controller
can
manage
remaining battery power to extend the system run time as
much as possible.
BLOCK DIAGRAM
ADC
Voltage
Sense
Resistor
(10 m
Ω - 20 mΩ)
Pack−
Integrating
ADC
Coulomb
Counting
Temp
Sensor
512 Bytes
Config.
Flash
EPROM
bq20851−V1P2
Level
Translator
bq29311
LDO
Glueless
Interface
Cell Inputs
Safety Control
SMBus
Pack+
Supply Voltage
Li-Ion
Cells
−
+
Charge/Discharge
Power FETs
−
+
−
+
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated


Similar Part No. - BQ20851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2085 TI-BQ2085 Datasheet
822Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085 TI2-BQ2085 Datasheet
907Kb / 59P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
OCTOBER 2002
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P3 TI2-BQ2085-V1P3 Datasheet
618Kb / 60P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
FEBRUARY 2004
More results

Similar Description - BQ20851

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2085 TI-BQ2085 Datasheet
822Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P2 TI-BQ2083-V1P2 Datasheet
470Kb / 55P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bp29311
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2085-V1P3 TI-BQ2085-V1P3 Datasheet
553Kb / 57P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2083 TI1-BQ2083 Datasheet
477Kb / 55P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2083-V1P3 TI1-BQ2083-V1P3 Datasheet
534Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2085-V1P2 TI1-BQ2085-V1P2 Datasheet
567Kb / 56P
SBS-COMPLIANT GAS GAUGE IC FOR USE WITH THE bq29311
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com