Electronic Components Datasheet Search
  English  ▼

X  

LM4850 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4850
Description  Mono 1.5 W / Stereo 300 mW Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4850 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4850 Datasheet HTML 6Page - National Semiconductor (TI) LM4850 Datasheet HTML 7Page - National Semiconductor (TI) LM4850 Datasheet HTML 8Page - National Semiconductor (TI) LM4850 Datasheet HTML 9Page - National Semiconductor (TI) LM4850 Datasheet HTML 10Page - National Semiconductor (TI) LM4850 Datasheet HTML 11Page - National Semiconductor (TI) LM4850 Datasheet HTML 12Page - National Semiconductor (TI) LM4850 Datasheet HTML 13Page - National Semiconductor (TI) LM4850 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical Performance Characteristics
Non-LD Specific Characteristics (Continued)
Power Derating Curve
Channel Separation
20001057
20001080
Noise Floor
Open Loop Frequency Response
20001059
20001062
Supply Current vs Supply Voltage
Power Supply Rejection Ratio
20001061
20001060
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com