Electronic Components Datasheet Search
  English  ▼

X  

CVT-2240 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CVT-2240
Description  Wiegand -> ASCII Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CVT-2240 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CVT-2240 Datasheet HTML 1Page - Cypress Semiconductor CVT-2240 Datasheet HTML 2Page - Cypress Semiconductor CVT-2240 Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
This Device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
(1) this device may not cause harmful interference,
(2) this device must accept any interference received,
including interference that may cause undesired operation.
RX Data:
Turn LED on................ @ L 1
Turn LED off............... @ L 0
Toggle LED................. @ L 2
(Bi-Color LED Turns Orange)
Turn Relay on.............. @ R 1
Turn Relay off............. @ R 0
Enable Format Processing... @ P 1 (Outputs Badge Num,Site Code,Fixed Code for recognized formats only)
Disable Format Processing.. @ P 0
(Outputs Decimal Representation of all card bits)
Communications: 9600 BPS ASYNC, 8 bits, 1 Stop, No Parity
Cables
3
2
5
2
3
5
TX
RX
Gnd
RX
TX
Gnd
Computer
DB-9
Female
3
2
5
3
2
7
TX
RX
Gnd
RX
TX
Gnd
Computer
DB-25
Female
CVT-2240
DB-9
Male
3
2
5
2
3
7
TX
RX
Gnd
RX
TX
Gnd
Printer
DB-25
Male
CVT-2240
DB-9
Male
CVT-2240
DB-9
Male
Input Characteristics of CVT-2240
Data 1
Data 0
1 ms (typ.)
50 µs (typ)
16383 0 65535
Site Code
1..16383
Badge Number
1..65535
End of Text {$03}
Start of Text {$02}
stx
etx
TX Data:
Always 0
nul nul
stx = $2
etx = $3
nul = $0
12345678901234567890123456789012345678901234
xxxxxxxSSSSSSSSSSSSSSBBBBBBBBBBBBBBBBxxxxxxx
The above output would result from the following input:
xxxxxxx111111111111111111111111111111111111x
190512
Cypress Computer Systems, Inc. • 1778 Imlay City Road • Lapeer, MI 48446
TX(810)245-2300 • FX(810)245-2332 • www.cypresscom.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com