Electronic Components Datasheet Search
  English  ▼

X  

PLM-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLM-12
Description  230VAC ONLY OR FULL RANGE(UP TO 295VAC) MODELS AVAILABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLM-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLM-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLM-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLM-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PLM-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
MODEL
PLM-12
-700
RATED CURRENT
RATED POWER
OUTPUT
SETUP TIME
VOLTAGE RANGE Note.4
FREQUENCY RANGE
POWER FACTOR
EFFICIENCY
(Typ.)
AC CURRENT
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORT CIRCUIT
11 ~ 18V
0.7A
12.6W
2.4Vp-p
±5.0%
Blank type: 500ms / 115VAC, 230VAC at full load;
E type: 500ms / 230VAC at full load
Blank type: 110 ~ 295VAC
156 ~ 417VDC; E type: 180 ~ 295VAC
254~ 417VDC
47 ~ 63Hz
Blank type: 0.15A/115VAC
0.08A/230VAC
0.07A/277VAC; E type: 0.08A/230VAC 0.07A/277VAC
COLD START 15A(twidth=50 s measured at 50% Ipeak) at 230VAC
μ
0.25mA / 240VAC
Hiccup mode, recovers automatically after fault condition is removed.
Compliance to EN61000-4-2,3,4,5,6,8,11;EN61547, light industry level, criteria B(surge 2KV)
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms/500VDC / 25
/ 70%RH
℃
-30 ~ +50
℃
20 ~ 90% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
℃
±℃
℃
0.06%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
RIPPLE & NOISE
(max.) Note.2
CURRENT ACCURACYNote.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
CONSTANT CURRENT REGION Note.5
PLM-12
-350
0.35A
12.6W
3.6Vp-p
NO LOAD OUTPUT VOLTAGE(max.)
22 ~ 36V
File Name:PLM-12-SPEC 2015-11-02
145*38*22mm (L*W*H)
808.162Khrs min.
MIL-HDBK-217F (25
)
℃
0.126Kg;60pcs/8.6 Kg/0.48CUFT
PLM-12
-1050
7 ~ 12V
1.05A
12.6W
1.8Vp-p
83%
81%
85%
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
℃
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Please see AC input voltage drop vs. output current characteristics table.
""
4. Derating may be needed under low input voltage, please check the static characteristic for more details.
5. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
PF
0.97/115VAC,PF
0.95/230VAC,PF>0.9/277VAC(at full load)(Please refer to "Power Factor Characteristic" curve)
≥≥
Compliance to EN55015, GB17743, GB17625.1
EN61000-3-2 Class C(
60% load);EN61000-3-3
(for E type only),
≥
EMC IMMUNITY
EMC EMISSION
22V
42V
16V
12W Single Output LED Power Supply
PLM-12 series
PLM-12
-500
15 ~ 24V
0.5A
12W
2.4Vp-p
84%
30V
Blank type
E type
Blank type
E type
PF
0.95/230VAC,PF
0.9/277VAC (at full load)(Please refer to "Power Factor Characteristic" curve)
≥≥
3.6Vp-p
5.5Vp-p
2.7Vp-p
3.6Vp-p
Blank type
E type
THD< 20% when output loading 60% at 115VAC/230VAC input and output loading 75% at 277VAC input
≧≧
TOTAL HARMONIC
DISTORTION
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
160 units (circuit breaker of type B) / 160 units (circuit breaker of type C) at 230VAC
82%
78%
84%
83%
Blank type
E type
THD< 20% when output loading 60% at 230VAC input and output loading 75% at 277VAC input
≧≧
GB19510.14,GB19510.1
,
(for E type only) IP30 approved
UL8750, CSA C22.2 No. 250.13-12(for Blank type only); ENEC EN61347-1, EN61347-2-13, EN62384,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com