Electronic Components Datasheet Search
  English  ▼

X  

DS1020 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1020
Description  Programmable 8-Bit Silicon Delay Line
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1020 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1020 Datasheet HTML 1Page - Dallas Semiconductor DS1020 Datasheet HTML 2Page - Dallas Semiconductor DS1020 Datasheet HTML 3Page - Dallas Semiconductor DS1020 Datasheet HTML 4Page - Dallas Semiconductor DS1020 Datasheet HTML 5Page - Dallas Semiconductor DS1020 Datasheet HTML 6Page - Dallas Semiconductor DS1020 Datasheet HTML 7Page - Dallas Semiconductor DS1020 Datasheet HTML 8Page - Dallas Semiconductor DS1020 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS1020
2 of 9
PARALLEL MODE (S=1)
In the PARALLEL programming mode, the output of the DS1020 will reproduce the logic state of the
input after a delay determined by the state of the eight program input pins P0 - P7. The parallel inputs can
be programmed using DC levels or computer-generated data. For infrequent modification of the delay
value, jumpers may be used to connect the input pins to VCC and ground. For applications requiring
frequent timing adjustment, DIP switches should be used. The enable pin (E) must be at a logic 1 in
hardwired implementations.
Maximum flexibility is obtained when the eight parallel programming bits are set using computer-
generated data. When the data setup (tDSE) and data hold (tDHE) requirements are observed, the enable pin
can be used to latch data supplied on an 8-bit bus. Enable must be held at a logic 1 if it is not used to latch
the data. After each change in delay value, a settling time (tEDV or tPDV) is required before input logic
levels are accurately delayed.
Since the DS1020 is a CMOS design, unused input pins (D and C) must be connected to well-defined
logic levels; they must not be allowed to float.
SERIAL MODE (S = 0)
In the SERIAL programming mode, the output of the DS1020 will reproduce the logic state of the input
after a delay time determined by an 8-bit value clocked into serial port D. While observing data setup
(tDSC) and data hold (tDHC) requirements, timing data is loaded in MSB-to-LSB order by the rising edge of
the serial clock (C). The enable pin (E) must be at a logic 1 to load or read the internal 8-bit input register,
during which time the delay is determined by the last value activated. Data transfer ends and the new
delay value is activated when enable (E) returns to a logic 0. After each change, a settling time (tEDV) is
required before the delay is accurate.
As timing values are shifted into the serial data input (D), the previous contents of the 8-bit input register
are shifted out of the serial output pin (Q) in MSB-to-LSB order. By connecting the serial output of one
DS1020 to the serial input of a second DS1020, multiple devices can be daisy-chained (cascaded) for
programming purposes (Figure 3). The total number of serial bits must be eight times the number of units
daisy-chained and each group of 8 bits must be sent in MSB-to-LSB order.
Applications can read the setting of the DS1020 delay line by connecting the serial output pin (Q) to the
serial input (D) through a resistor with a value of 1k to 10k ohms (Figure 2). Since the read process is
destructive, the resistor restores the value read and provides isolation when writing to the device. The
resistor must connect the serial output (Q) of the last device to the serial input (D) of the first device of a
daisy-chain (Figure 3). For serial readout with automatic restoration through a resistor, the device used to
write serial data must go to a high impedance state.
To initiate a serial read, enable (E) is taken to a logic 1 while serial clock (C) is at a logic 0. After a
waiting time (tEQV), bit 7 (MSB) appears on the serial output (Q). On the first rising (0 → 1) transition of
the serial clock (C), bit 7 (MSB) is rewritten and bit 6 appears on the output after a time tCQV. To restore
the input register to its original state, this clocking process must be repeated 8 times. In the case of a
daisy-chain, the process must be repeated 8 times per package. If the value read is restored before enable
(E) is returned to logic 0, no settling time (tEDV) is required and the programmed delay remains
unchanged.
Since the DS1020 is a CMOS design, unused input pins (P1 - P7) must be connected to well-defined logic
levels; they must not be allowed to float. Serial output Q/P0 should be allowed to float if unused.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com