Electronic Components Datasheet Search
  English  ▼

X  

M02067 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02067
Description  Rise and fall times <150 ps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02067 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02067 -12/-13
4
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Parameter
Rating
Units
Power supply (VCC-GND)
-0.5 to +6.0
V
Maximum laser bias current
120
mA
Maximum laser modulation current (through OUT+, OUT-)
100
mA
Storage temperature
-65 to +150
°C
Junction temperature (die)
-40 to +120
°C
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply (VCC-GND)
3.3 ± 10%
V
Operating ambient temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com