Electronic Components Datasheet Search
  English  ▼

X  

DS2165 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2165
Description  16/24/32kbps ADPCM Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2165 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2165 Datasheet HTML 5Page - Dallas Semiconductor DS2165 Datasheet HTML 6Page - Dallas Semiconductor DS2165 Datasheet HTML 7Page - Dallas Semiconductor DS2165 Datasheet HTML 8Page - Dallas Semiconductor DS2165 Datasheet HTML 9Page - Dallas Semiconductor DS2165 Datasheet HTML 10Page - Dallas Semiconductor DS2165 Datasheet HTML 11Page - Dallas Semiconductor DS2165 Datasheet HTML 12Page - Dallas Semiconductor DS2165 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS2165Q
9 of 17
HARDWARE MODE
The hardware mode is intended for applications that do not have an external controller available or do not
require the extended features offered by the serial port. Connecting the SPS pin to VSS disables the serial
port, clears all internal register bits, and maps the IPD, U/ A , and CP/ EX bits for both channels to external
bits (Table 3). In the hardware mode, both the input and output time slots default to time slot 0.
Table 3. HARDWARE MODE
PIN
#
NAME
REGISTER LOCATION
FUNCTION
6A0
CP/ EX
(Channel X)
Channel X Coding Configuration
0 = Expand
1 = Compress
7A1
AS0/AS1/AS2
(Channel X and Y)
Algorithm Select (Table 4)
8A2
U/ A
(Channel X)
Channel X Data Format
0 = A-law
1 =
m-law
9A3
CP/ EX
(Channel Y)
Channel Y Coding Configuration
0 = Expand
1 = Compress
10
A4
AS0/AS1/AS2
(Channel X and Y)
Algorithm Select (Table 4)
11
A5
U/ A
(Channel Y)
Channel Y Data Format
0 = A-law
1 =
m-law
22
SDI
IPD
(Channel Y)
Channel Y Idle Select
0 = Channel Active
1 = Channel Idle
23
CS
IPD
(Channel X)
Channel X Idle Select
0 = Channel Active
1 = Channel Idle
NOTES:
1) SCLK must be connected to VSS when the hardware mode is selected.
2) When both channels are idled, power consumption is significantly reduced.
3) The NIL powers up within 800ms after either channel is returned to active from an idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com