Electronic Components Datasheet Search
  English  ▼

X  

SMGS11 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMGS11
Description  GaAs Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMGS11 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMGS11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMGS11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMGS11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs Schottky Diode
Rev. V1
SMGS11
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0014105
1
Features
 Small Footprint, only 50 x 30 mils.
 Very Low Parasitic Package Inductance, Series
Resistance, and Low Package Capacitance
 RoHS* Compliant
Description
The SMGS11 is a GaAs Schottky diode in a molded
plastic DFN package. It is designed for broadband
detector and single diode mixer. It is in single
configuration. It has a high cutoff frequency and can
be used beyond 26.5 GHz.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Forward Voltage (VF)
IR = 1 mA
V
620
—
760
Total Capacitance (CT)
VR = 0 V, 1 MHz
V = 0 V, >4 GHz
pF
—
0.10
0.08
0.13
0.10
Series Resistance (RS)
IF = 5 mA
Ω
—
—
7
Video Resistance (RV)
IF = 40 µA
Ω
—
1250
—
Tangential Signal Sensitivity (TSS)
NF -3 dB, 10 GHz
dBm
—
-57
—
Voltage Sensitivity (y)
PIN = -30 dBm, Video BW = 500 KHz, 10 GHz mV/mW
—
8000
—
Absolute Maximum Ratings
Parameter
Absolute Maximum
Input Power
20 dBm
Reverse Voltage
5 V
Forward Current
20 mA
Junction Temperature
+175°C
Storage Temperature
-65°C to +150°C
Solder Temperature
+260°C, peak for 5 sec,
per JEDEC J-STD-20C
Case 0503 - Molded Plastic DFN Package
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these (HBM) Class 0
devices.


Similar Part No. - SMGS11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMGS MACOM-SMGS Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
SMGSD MACOM-SMGSD Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
SMGSDD MACOM-SMGSDD Datasheet
78Kb / 2P
GRID SURFACE MOUNT HIGH-PERFORMANCE
More results

Similar Description - SMGS11

ManufacturerPart #DatasheetDescription
logo
NEC
SE306 NEC-SE306 Datasheet
45Kb / 2P
GaAs INFRARED EMITTING DIODE
logo
Tyco Electronics
MADS-001317-1320AG MACOM-MADS-001317-1320AG Datasheet
130Kb / 3P
GaAs Solder Bump Flip Chip Schottky Diode
logo
M/A-COM Technology Solu...
MA4E1310 MA-COM-MA4E1310 Datasheet
72Kb / 5P
GaAs Flip Chip Schottky Barrier Diode
MADS-001317-1320AG MA-COM-MADS-001317-1320AG Datasheet
151Kb / 3P
GaAs Solder Bump Flip Chip Schottky Diode
logo
Microsemi Corporation
MS8001 MICROSEMI-MS8001 Datasheet
134Kb / 3P
GaAs Schottky Diodes
logo
Tyco Electronics
MADS-001317-1500 MACOM-MADS-001317-1500 Datasheet
254Kb / 6P
Solderable GaAs Flip Chip Schottky Diode
logo
M/A-COM Technology Solu...
MADS-001317-1500 MA-COM-MADS-001317-1500 Datasheet
254Kb / 5P
Solderable GaAs Flip Chip Schottky Diode
MADS-001317-1500 MA-COM-MADS-001317-1500_15 Datasheet
254Kb / 5P
Solderable GaAs Flip Chip Schottky Diode
MADS-001317-1500 MA-COM-MADS-001317-1500_16 Datasheet
581Kb / 6P
Solderable GaAs Flip Chip Schottky Diode
MGS8XX MA-COM-MGS8XX Datasheet
710Kb / 4P
GaAs Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com