| Electronic Components Datasheet Search |
|
DS2720BU Datasheet(PDF) 5 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2720BU Datasheet(HTML) 5 Page - Dallas Semiconductor |
|
5 / 21 page ![]() DS2720 5 of 21 POWER MODES The DS2720 has two power modes: active and sleep. While in active mode, the DS2720 continuously performs safety monitoring. In sleep mode, the DS2720 ceases monitoring activities and drives both the charge and discharge protection FETs to an “off state”. Upon returning to the active mode from the sleep mode, DS2720 resumes safety monitoring and conditionally turns on the protection FETs. Table 2. POWER MODE TRANSITION CONDITIONS Active ® Sleep Sleep ® Active (1) VDD < VUV PS pulled to VSS or VPLS > VDD + VCH (1) DS2720 does not transition to Active Mode if VDD < VSC. RECHARGEABLE Li+ PROTECTION CIRCUITRY During active mode, the DS2720 constantly monitors cell voltage and voltage drop across the FETs to protect the battery from overcharge (overvoltage), overdischarge (undervoltage), and excessive discharge currents (overcurrent, short circuit). Conditions and DS2720 responses are described in the sections below and summarized in Table 3 and Figure 3. Table 3. PROTECTION CONDITIONS AND DS2720 RESPONSES ACTIVATION CONDITION NAME THRESHOLD DELAY RESPONSE RELEASE THRESHOLD Overvoltage VDD > VOV tOVD (1) CC = VOLCC VDD < VCE or VDD - VPLS > VOC Undervoltage VSC < VDD < VUV tUVD CC = VOLCC DC = VOLDC VPLS > VDD + VCH and VDD > VUV (charger connected) Recovery Charge VDD < VSC or (while in active mode) VDD < VCE RTST enabled (2) VDD ³ VCE Overcurrent VDD - VPLS > VOC tOCD CC = VOLCC DC = VOLCC VPLS > VDD - VOC (3) Short Circuit VDD < VSC tSCD CC = VOLCC DC = VOLDC VPLS > VDD - VOC (3) Overtemperature Tdevice > TMAX CC = VOLCC DC = VOLDC Tdevice < TMAX All voltages are with respect to VSS. (1) During transition from sleep to active, tOVD = 0. (2) Recovery charge current is limited by RTST and forward voltage of blocking diode, which prevents discharging through RTST when recovery charge enabled. (3) With test current ITST flowing from VDD to PLS (pullup on PLS). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |