Electronic Components Datasheet Search
  English  ▼

X  

ADuM263N Datasheet(PDF) 17 Page - Analog Devices

Part # ADuM263N
Description  High common-mode transient immunity: 100 kV/關s
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM263N Datasheet(HTML) 17 Page - Analog Devices

Back Button ADuM263N Datasheet HTML 13Page - Analog Devices ADuM263N Datasheet HTML 14Page - Analog Devices ADuM263N Datasheet HTML 15Page - Analog Devices ADuM263N Datasheet HTML 16Page - Analog Devices ADuM263N Datasheet HTML 17Page - Analog Devices ADuM263N Datasheet HTML 18Page - Analog Devices ADuM263N Datasheet HTML 19Page - Analog Devices ADuM263N Datasheet HTML 20Page - Analog Devices ADuM263N Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Rev. 0 | Page 17 of 23
VDD1
VIA
VIB
VIC
VOD
VOE
VOF
VOA
VOB
VOC
VID
VIE
VIF
GND1
VDD2
GND2
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
ADuM263N
TOP VIEW
(Not to Scale)
Figure 9. ADuM263N Pin Configuration
Table 20. ADuM263N Pin Function Descriptions
Pin No.1
Mnemonic
Description
1
VDD1
Supply Voltage for Isolator Side 1.
2
VIA
Logic Input A.
3
VIB
Logic Input B.
4
VIC
Logic Input C.
5
VOD
Logic Output D.
6
VOE
Logic Output E.
7
VOF
Logic Output F.
8
GND1
Ground 1. Ground reference for Isolator Side 1.
9
GND2
Ground 2. Ground reference for Isolator Side 2.
10
VIF
Logic Input F.
11
VIE
Logic Input E.
12
VID
Logic Input D.
13
VOC
Logic Output C.
14
VOB
Logic Output B.
15
VOA
Logic Output A.
16
VDD2
Supply Voltage for Isolator Side 2.
1 Reference the AN-1109 Application Note for specific layout guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com