Electronic Components Datasheet Search
  English  ▼

X  

V9X Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # V9X
Description  Ultra-Low Leakage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

V9X Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  V9X Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. V9X Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Abrupt Tuning Varactors:
General Purpose - Ultra Low Leakage
Rev. V1
V9x Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Part Number
Total Capacitance
-4 V, 1 MHz
Capacitance Ratio
C 0.5 V / C MWV
Working Voltage
IR = 100 µA
Breakdown Voltage
(pF)
Ratio)
(VDC)
(VDC)
(Typ.)
(Typ.)
(Max.)
(Min.)
V907
7
4.1
25
28
V910
10
4.1
25
28
V912
12
4.2
25
28
V915
15
4.2
25
28
V920
20
3.9
20
22
V927
27
4.0
20
22
V933
33
4.1
20
22
V939
39
4.1
20
22
V947
47
3.9
20
22
V956
56
3.5
15
17
V968
68
3.5
15
17
V982
82
3.5
15
17
V900
100
3.5
15
17
V907E
7
6.9
100
110
V910E
10
6.9
100
110
V912E
12
7.5
100
110
V915E
15
7.5
100
110
V920E
20
7.9
90
99
V927E
27
7.4
65
72
V933E
33
6.5
60
66
V939E
39
6.3
55
61
V947E
47
6.1
50
55
V956E
56
5.7
40
44
V968E
68
4.6
30
33
V982E
82
4.0
20
22
V900E
100
4.0
20
22
Electrical Specifications: TA = +25°C
Bare Die
Glass Axial Leaded
Features
 Ultra-Low Leakage
 Available as Bare Die or in Glass Axial Leaded
Package
 RoHS* Compliant


Similar Description - V9X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJH1100 FAIRCHILD-FJH1100 Datasheet
122Kb / 5P
Ultra Low Leakage Diode
FJH1101 FAIRCHILD-FJH1101 Datasheet
122Kb / 5P
Ultra Low Leakage Diode
FJH1102 FAIRCHILD-FJH1102 Datasheet
121Kb / 5P
Ultra Low Leakage Diode
FJT1100 FAIRCHILD-FJT1100 Datasheet
29Kb / 1P
Ultra Low Leakage Diodes
FJH1100 FAIRCHILD-FJH1100_05 Datasheet
45Kb / 2P
Ultra Low Leakage Diode
FJH1101 FAIRCHILD-FJH1101_11 Datasheet
107Kb / 3P
Ultra Low Leakage Diode
logo
Digitron Semiconductors
FJT1100 DIGITRON-FJT1100 Datasheet
61Kb / 1P
ULTRA LOW LEAKAGE DIODES
logo
Central Semiconductor C...
CMLD6001DO CENTRAL-CMLD6001DO_15 Datasheet
507Kb / 3P
ULTRA LOW LEAKAGE SWITCHING DIODE
logo
Shanghai Leiditech Elec...
ESDA05CT LEIDITECH-ESDA05CT Datasheet
129Kb / 3P
Ultra low leakage: nA level
PESD1CAN-U LEIDITECH-PESD1CAN-U Datasheet
421Kb / 3P
Ultra low leakage: nA level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com