Electronic Components Datasheet Search
  English  ▼

X  

HMC520ALC4 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC520ALC4
Description  Radio frequency (RF) range: 6 GHz to 10 GHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC520ALC4 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC520ALC4 Datasheet HTML 12Page - Analog Devices HMC520ALC4 Datasheet HTML 13Page - Analog Devices HMC520ALC4 Datasheet HTML 14Page - Analog Devices HMC520ALC4 Datasheet HTML 15Page - Analog Devices HMC520ALC4 Datasheet HTML 16Page - Analog Devices HMC520ALC4 Datasheet HTML 17Page - Analog Devices HMC520ALC4 Datasheet HTML 18Page - Analog Devices HMC520ALC4 Datasheet HTML 19Page - Analog Devices HMC520ALC4 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HMC520A
Data Sheet
Rev. 0 | Page 16 of 28
DOWNCONVERTER PERFORMANCE: IF = 3500 MHz, UPPER SIDEBAND (LOW-SIDE LO)
Data taken as an image reject mixer with external 90° hybrid at the IF ports, LO = 15 dBm, unless otherwise noted.
0
–20
–15
–10
–5
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 52. Conversion Gain vs. RF Frequency at Various Temperatures
50
0
20
10
30
40
100
70
60
80
90
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 53. Image Rejection vs. RF Frequency at Various Temperatures
30
25
–5
0
10
5
15
20
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 54. Input IP3 vs. RF Frequency at Various Temperatures
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
0
–20
–15
–10
–5
Figure 55. Conversion Gain vs. RF Frequency at Various LO Powers, TA = 25°C
50
0
20
10
30
40
100
70
60
80
90
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 56. Image Rejection vs. RF Frequency at Various LO Powers
30
25
–5
0
10
5
15
20
5
6
7
8
9
10
11
RF FREQUENCY (GHz)
LO = 19dBm
LO = 17dBm
LO = 15dBm
LO = 13dBm
Figure 57. Input IP3 vs. RF Frequency at Various LO Powers,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com