Electronic Components Datasheet Search
  English  ▼

X  

TCS34725 Datasheet(PDF) 32 Page - ams AG

Part # TCS34725
Description  Red, Green, Blue (RGB), and Clear Light
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34725 Datasheet(HTML) 32 Page - ams AG

Back Button TCS34725 Datasheet HTML 28Page - ams AG TCS34725 Datasheet HTML 29Page - ams AG TCS34725 Datasheet HTML 30Page - ams AG TCS34725 Datasheet HTML 31Page - ams AG TCS34725 Datasheet HTML 32Page - ams AG TCS34725 Datasheet HTML 33Page - ams AG TCS34725 Datasheet HTML 34Page - ams AG TCS34725 Datasheet HTML 35Page - ams AG TCS34725 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-02] 2016-Feb-08
TCS3472 − Soldering & Storage Information
Soldering Information
The FN package has been tested and has demonstrated an
ability to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 39:
Solder Reflow Profile
Figure 40:
Solder Reflow Profile Graph
Note(s):
1. Not to scale – for reference only.
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 ºC/s
Soak time
tsoak
2 to 3 minutes
Time above 217 ºC (T1)t1
Max 60 s
Time above 230 ºC (T2)t2
Max 50 s
Time above Tpeak - 10 ºC (T3)t3
Max 10 s
Peak temperature in reflow
Tpeak
260 ºC
Temperature gradient in cooling
Max -5 ºC/s
Soldering & Storage
Information
(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com