Electronic Components Datasheet Search
  English  ▼

X  

LM4850MT Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4850MT
Description  Mono 1.5 W / Stereo 300 mW Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4850MT Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4850MT Datasheet HTML 10Page - National Semiconductor (TI) LM4850MT Datasheet HTML 11Page - National Semiconductor (TI) LM4850MT Datasheet HTML 12Page - National Semiconductor (TI) LM4850MT Datasheet HTML 13Page - National Semiconductor (TI) LM4850MT Datasheet HTML 14Page - National Semiconductor (TI) LM4850MT Datasheet HTML 15Page - National Semiconductor (TI) LM4850MT Datasheet HTML 16Page - National Semiconductor (TI) LM4850MT Datasheet HTML 17Page - National Semiconductor (TI) LM4850MT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application Information (Continued)
extend to at least one−fifth the lower bandwidth limit and the
high frequency response must extend o at least five times
the upper bandwidth limit. The variation for both response
limits is 0.17dB, well within the ± 0.25dB desired limit. This
results in:
f
L = 100Hz / 5 = 20Hz
f
H = 20kHz x 5 = 100kHz
As stated in the External Components section, R
I in con-
junction with C
I create a highpass filter. Find the coupling
capacitor’s value using Equation 9.
C
I
≥ 1/(2πR
IfL)
(9)
C
I
≥ 1/(2π x 20kΩ x 20Hz) = 0.397µF
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain,
A
VD. With AVD = 3 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4850 GBWP of
10MHz. This difference indicates that a designer can still use
the LM4850 at higher differential gains without bandwidth
limitations.
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendant on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.0W to
1.95W. This problem of decreased load dissipation is exac-
erbated as load impedance decreases. Therefore, to main-
tain the highest load dissipation and widest output voltage
swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com