Electronic Components Datasheet Search
  English  ▼

X  

LFS9182 Datasheet(PDF) 1 Page - MTRONPTI

Part # LFS9182
Description  Specification for an SMD LC Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

LFS9182 Datasheet(HTML) 1 Page - MTRONPTI

  LFS9182 Datasheet HTML 1Page - MTRONPTI LFS9182 Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. -
04/30/09
Page
1 of 2
Proprietary Document Information contained herein is proprietary to MtronPTI and is
submitted in confidence. Information may not be copied or divulged without written
permission from MtronPTI.
Specification for an SMD LC Filter
MtronPTI P/N LFS9182
I. GENERAL & ELECTRICAL REQUIREMENTS:
1.
CENTER FREQUENCY (FO): 457MHz nominal
2.
PASSBAND: FO
±37MHz
3.
INSERTION LOSS (420MHz to 494MHz): < 3.0dB
4.
RETURN LOSS: < 15dB
5.
REJECTION
DC to 330MHz: 40dB minimum
539MHz to 1000MHz: 40dB minimum
6.
MAXIMUM INPUT POWER: 1-Watt
7.
ZIN/ZOUT: 50Ω nominal
II. ENIVIRONMENTAL & PHYSICAL REQUIREMENTS:
1.
TEMPERATURE RANGE
Operating: -40
°C to +85°C
Storage: -55
°C to +85°C
2.
ALTITUDE:
Operating: Sea Level to 35000-feet
Storage: Sea Level to 50000-feet
3.
HUMIDITY (operating): 90% non-condensing
4.
SHOCK (survival): 9G
5.
PACKAGE See Drawing
6.
SOLDERABILITY: Per EIAJ-STD-002 (see Figure 1)
Figure 2 – Recommended PAD Layout
Figure 1 – Outline Drawing


Similar Part No. - LFS9182

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
LFS9189R MTRONPTI-LFS9189R Datasheet
146Kb / 1P
Bandpass LC Filter
More results

Similar Description - LFS9182

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
LF9248 MTRONPTI-LF9248 Datasheet
163Kb / 2P
Specification for an SMD LC Filter
LF9287 MTRONPTI-LF9287 Datasheet
289Kb / 2P
Specification for an LC Triplexer Filter
LF9288 MTRONPTI-LF9288 Datasheet
357Kb / 1P
SPECIFICATION FOR A SMD BANDPASS LC FILTER
LF9392-002 MTRONPTI-LF9392-002 Datasheet
166Kb / 2P
Specification for an SMD Low Profile LC Filter
LF9395 MTRONPTI-LF9395 Datasheet
196Kb / 2P
Specification for an SMD LC Filter
LF9403 MTRONPTI-LF9403 Datasheet
199Kb / 2P
Specification for an SMD LC Band Reject Filter
LF9412 MTRONPTI-LF9412 Datasheet
288Kb / 2P
Specification for an Highpass LC Filter
LF9414 MTRONPTI-LF9414 Datasheet
195Kb / 2P
Specification for an LC Filter
LF9437 MTRONPTI-LF9437 Datasheet
280Kb / 2P
Specification for a Proposed SMD LC Filter
LF9438 MTRONPTI-LF9438 Datasheet
231Kb / 2P
Specification for a 200-Watt Lowpass SMD LC Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com