Electronic Components Datasheet Search
  English  ▼

X  

AIC1761 Datasheet(PDF) 1 Page - Analog Devices

Part # AIC1761
Description  BATTERY CHARGE CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761 Datasheet(HTML) 1 Page - Analog Devices

  AIC1761 Datasheet HTML 1Page - Analog Devices AIC1761 Datasheet HTML 2Page - Analog Devices AIC1761 Datasheet HTML 3Page - Analog Devices AIC1761 Datasheet HTML 4Page - Analog Devices AIC1761 Datasheet HTML 5Page - Analog Devices AIC1761 Datasheet HTML 6Page - Analog Devices AIC1761 Datasheet HTML 7Page - Analog Devices AIC1761 Datasheet HTML 8Page - Analog Devices AIC1761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
1
FEATURES
Reliable Fast Charge Control of NiMH/NiCd Bat-
teries.
Quick and Easy Testing for Production.
Fast Charge Termination by:
1. Accurate -
∆V Detection Level with Respect to
Peak Battery Voltage Value.
AIC1761 ................……………........ -1%
AIC1766
............…………..……...... -0.25%
2. Peak Voltage Timer (0
∆V).
Adjustable Fast Charge Safety Timer.
Protection against Temperature Fault.
Protection against Short-Circuited and Open Bat-
teries.
Wide Operation Voltage Range: 9V to 18V, no Ex-
tra Regulator Needed.
Large Battery Voltage Detection Range: 0.65V to
3.7V.
LED Drivers to Indicate Charge Status or Fault
Conditions.
Voltage Reference Output.
Space-Saving Packages:
8-PIN DIP, SO
14-PIN DIP, SO
APPLICATIONS
Battery Chargers for :
Mobile Phones
Notebook and Laptop Personal Computers
Portable Power Tools and Toys
Portable Communication Equipments
Portable Video and Stereo Equipments
DESCRIPTION
The AIC1761/1766 fast charge controller IC is
designed for intelligent charging of NiMH or NiCd
batteries without overcharging. It detects a voltage
drop (-
∆V) occurring in the final stage of a fast
charging cycle and correspondingly controls the
charging current. Fast charge can also be cut off
by a peak voltage timer (0
∆V).
The detection of -
∆V is a very reliable method to
terminate fast charging for NiMH and NiCd batter-
ies. The AIC1761/1766 uses -
∆V detection as one
of primary decisions for fast charge cut-off. The -
∆V value for the AIC1761 is as small as 16mV per
cell,
suitable
for
NiCd
batteries.
The
-
∆V value for the AIC1766 is as small as 4mV per
cell, particularly suitable for NiMH as well as the
NiCd batteries. The peak voltage timer is particu-
larly useful when the voltage drop at the end of
charge for some batteries, e.g. NiMH cells, is not
pronounced enough for reliable detection. An ad-
justable safety timer (3 settings) is used as a back-
up termination method. Provisions are made with
the AIC1761/1766 to prevent fast charge under
temperature fault conditions. Two LED outputs are
used to indicate the charging status. Another flash
LED output can be used alone to indicate charge
status.
AC mode allows the battery to drive its loads while
being charged. Test mode is provided to dramati-
cally reduce production test time.


Similar Part No. - AIC1761

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
Negative Voltage Regulator
More results

Similar Description - AIC1761

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
Dual-Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
Battery Monitor and Charge Controller
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com