Electronic Components Datasheet Search
  English  ▼

X  

STR Datasheet(PDF) 4 Page - XP Power Limited

Part # STR
Description  Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

STR Datasheet(HTML) 4 Page - XP Power Limited

  STR Datasheet HTML 1Page - XP Power Limited STR Datasheet HTML 2Page - XP Power Limited STR Datasheet HTML 3Page - XP Power Limited STR Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
STR Series
www.xppower.com
22 Dec 15
Switching Regulator
Class
C1
C2
C3
L1
Class A
-
4.7µF/50V
1206 MLCC
4.7µF/50V
1206 MLCC
Wurth Elektronik
NO. 744774033
Class B
4.7µF/50V
1206 MLCC
4.7µF/50V
1206 MLCC
4.7µF/50V
1206 MLCC
Wurth Elektronik
NO. 744774033
STR05S1V5
STR05S1V8
STR05S2V5
STR05S3V3
STR05S05
STR05S6V5
STR05S09
STR05S12
STR05S15
Vout(nom)
1.5 VDC
1.8 VDC
2.5 VDC
3.3 VDC
5.0 VDC
6.5 VDC
9.0 VDC
12 VDC
15 VDC
Vout(adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
1.4 V
1k
1.5 V
3k
200
1.8 V
8.49k
12k
2.5 V
0.47k
11.8k
3.0 V
4.64k
44.2k
88.4k
17k
3.3 V
27k
15k
3.8 V
60.4k
42k
21.5k
3.9 V
28k
58k
30.1k
4.5 V
11.3k
180k
56.3k
26k
17k
10.5k
4.9 V
7.15k
850k
78.7k
36k
24k
15.8k
5.0 V
6.34k
86k
39k
26k
17.4k
5.1 V
5.9k
231k
97k
42k
28k
18.7k
5.5 V
3.9k
56.2k
154k
56k
36k
24.9k
6.5 V
14k
112k
63k
42.2k
8.0 V
2.32k
22.6k
400k
125k
78.7k
9.0 V
9.53k
200k
113k
10.0 V
3.92k
54.9k
345k
160k
11.0 V
825
16.5k
740k
232k
12.0 V
3.6k
340k
12.6 V
0k
180k
464k
13.5 V
57.6k
787k
15.5 V
300k
Application Notes
-40
0
Ambient Temperature (°C)
100
100
80
STR
+Vo
+Vin
R1
Adj
R2
-Vo
Remote On/Off
-Vin
STR
L1
C3
C2
C1
+Vin
GND
+Vout
Load
Derating Curve
EMI Filter for Conducted Emissions
Output Trim Resistor Values



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com