Electronic Components Datasheet Search
  English  ▼

X  

M197313 Datasheet(PDF) 1 Page - E-SWITCH

Part # M197313
Description  ALL DIMESNSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M197313 Datasheet(HTML) 1 Page - E-SWITCH

  M197313 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PB1973EBLKBLKEF0
1.5 : 1
9/27/2007
M197313
B
BF
1
1
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.2
19.4
19.6
RECOMMENDED PANEL MOUNTING
X-0.1
13.00-0.1
NOTES:
1. ALL DIMESNSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. MECHANICAL LIFE: 30,000
4. ELECTRICAL LIFE: 10,000
5. CONTACT RESISTANCE: 20 mILLI OHMS
6. INSULATION RESISTANCE: 1000 MEGA OHMS
7. OPERATING TEMPERATURE: -10
~C TO 55~C
8. CONTACT RATING: 15A-250 VAC, 125VAC UL APPROVED
10A 250VAC, VDE APPROVED
9. DIELECTRIC STRENGTH: 1500V FOR 1 MIN
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (RoHS) COMPLIANT.
12. OPERATING FORCE: 1000±100grams
B
17722
ADDED NOTE # 12
9/27/07
BF
POS. 1
POS. 2
SWITCH FUNCTION
ON
OFF
OPEN
1-2,3-4
(ON)= MOMENTARY
21.00
[.827 in]
15.00
[.591 in]
14.90
[.587 in]
4.50
[.177 in]
2.00
[.079 in]
17.90
[.705 in]
4.75
[.187 in]
10.90
[.429 in]
10.00
[.394 in]
.80
[.031 in]
9.60
[.378 in]
HOUSING: BLACK
ACTUATOR: BLACK
19.20
[.756 in]
8.20
[.323 in]
12.90
[.508 in]
DPST
OFF- ON
3
4
1
2
L


Similar Part No. - M197313

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M197310 E-SWITCH-M197310 Datasheet
147Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197311 E-SWITCH-M197311 Datasheet
187Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197312 E-SWITCH-M197312 Datasheet
129Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197314 E-SWITCH-M197314 Datasheet
196Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M197315 E-SWITCH-M197315 Datasheet
216Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
More results

Similar Description - M197313

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-PA411C1000136 E-SWITCH-14-PA411C1000136 Datasheet
232Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
14-PA521C E-SWITCH-14-PA521C Datasheet
127Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
34-RVW41D1123 E-SWITCH-34-RVW41D1123 Datasheet
161Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0528P E-SWITCH-XF0528P Datasheet
32Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0544P E-SWITCH-XF0544P Datasheet
32Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0232P E-SWITCH-XF0232P Datasheet
56Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0368P E-SWITCH-XF0368P Datasheet
57Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400016 E-SWITCH-M400016 Datasheet
38Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400018 E-SWITCH-M400018 Datasheet
39Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400026 E-SWITCH-M400026 Datasheet
40Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com