Electronic Components Datasheet Search
  English  ▼

X  

ILX751B Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX751B
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX751B Datasheet(HTML) 1 Page - Sony Corporation

  ILX751B Datasheet HTML 1Page - Sony Corporation ILX751B Datasheet HTML 2Page - Sony Corporation ILX751B Datasheet HTML 3Page - Sony Corporation ILX751B Datasheet HTML 4Page - Sony Corporation ILX751B Datasheet HTML 5Page - Sony Corporation ILX751B Datasheet HTML 6Page - Sony Corporation ILX751B Datasheet HTML 7Page - Sony Corporation ILX751B Datasheet HTML 8Page - Sony Corporation ILX751B Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
– 1 –
PE01Y37
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX751B
22 pin DIP (Cer-DIP)
2048-pixel CCD Linear Sensor (B/W)
Description
The ILX751B is a reduction type CCD linear sensor
designed for facsimile, image scanner and OCR use.
This sensor reads B4 size documents at a density of
200DPI (Dot Per Inch). Featuring a shutter funcyion,
correspondences with the sensitivity correction, etc,
is possible. A built-in timing generator and clock-
drivers ensure direct drive at 5V logic for easy use.
Features
• Number of effective pixels: 2048 pixels
• Pixel size: 14µm
× 14µm (14µm pitch)
• Built-in timing generator and clock-drivers
• Shutter function
• Ultra low lag
• Maximum clock frequency: 5MHz
Absolute Maximum Ratings
• Supply voltage
VDD1
11
V
VDD2
6V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
Preliminary
1
22
VOUT
2
NC
3
NC
4
SHSW
5
φCLK
6
NC
7
NC
8
VDD2
9
φSHUT
10
NC
11
21
20
19
18
17
16
15
14
13
12
φROG
VDD2
VDD2
VDD1
GND
NC
GND
NC
NC
NC
NC
GND
1
2048


Similar Part No. - ILX751B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX751 SONY-ILX751 Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
Half-Duplex Versions Available
logo
Sony Corporation
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
More results

Similar Description - ILX751B

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
2048-pixel CCD Linear Image Sensor (B/W)
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
5150-pixel CCD Linear Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
2700 pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
7500-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
5150-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com