Electronic Components Datasheet Search
  English  ▼

X  

K3313 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # K3313
Description  Silicon Hyperabrupt Junction Varactor Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

K3313 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  K3313 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. K3313 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Hyperabrupt Junction Varactor Diode
Rev. V1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
K3313
Features
 Compact 1.27 x 1.7 x 0.09 mm SMT Package
 Uniform Capacitance / Temperature Coefficient
 Available on Tape and Reel
Description
The K3313 silicon hyperabrupt junction varactor
diode is designed for use in voltage controlled
oscillators (VCO’s) with low tuning voltage operation.
Electrical Specifications: TA = +25°C (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Voltage Breakdown
IR = -10 µA, DC
V
12.0
—
—
Forward Voltage
IF = 100 mA, DC
V
—
—
1.0
Total Capacitance
VR = -1.0 V, 1 MHz
VR = -2.5 V, 1 MHz
VR = -4.0 V, 1 MHz
pF
20.0
8.5
4.0
—
22.0
8.5
4.6
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
Breakdown Voltage
12 Min. @ -10 µA
Moisture Sensitivity Level
1
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +200°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. MACOM does not recommend sustained operation near these
survivability limits.
Outline Drawing, SOD-323
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These electronic devices are sensitive to electrostatic
discharge (ESD) and can be damaged by static electricity.
Proper ESD control techniques should be used when handling
these
Class 0 (HBM) devices.


Similar Part No. - K3313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K3316 TOSHIBA-K3316 Datasheet
865Kb / 6P
Silicon N Channel MOS Type Switching Regulator Applications
logo
Vishay Siliconix
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
K10 Series Multilayer Ceramic Dipped Radial Capacitors
16-Nov-09
K331J15C0GF5.H5 VISHAY-K331J15C0GF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K331J15C0GF5.H5 VISHAY-K331J15C0GF5.H5 Datasheet
103Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
13-Apr-10
K331J15C0GF5.L2 VISHAY-K331J15C0GF5.L2 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
More results

Similar Description - K3313

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-12 ASI-DKV6522-12 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-24 ASI-DKV6522-24 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6533C ASI-DKV6533C Datasheet
25Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6534B ASI-DKV6534B Datasheet
19Kb / 2P
SILICON HYPERABRUPT VARACTOR DIODE
AHV9001 ASI-AHV9001 Datasheet
53Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com