Electronic Components Datasheet Search
  English  ▼

X  

KILOVOLT Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # KILOVOLT
Description  2000 Volt & 3000 Volt PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

KILOVOLT Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  KILOVOLT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. KILOVOLT Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KILOVOLT™ Series
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
Rev. 10
Typical Performance Curves @ +25°C
Series Resistance vs. Current @ 100MHz
(MA4PK2000 & MA4PK3000 Series)
Forward Voltage vs. Forward Current
(MA4PK2000 & MA4PK3000 Series)
Capacitance vs. Frequency & Reverse Voltage
(MA4PK2000 Series)
Capacitance vs. Frequency & Reverse Voltage
(MA4PK3000 Series)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com