| Electronic Components Datasheet Search |
|
MA4PK2000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
MA4PK2000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
|
2 / 9 page ![]() KILOVOLT™ Series 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X Rev. 10 ABSOLUTE MAXIMUM RATINGS MAXIMUM POWER DISSIPATION @ TCASE = 25°C Operating and Storage Temp. -65°C to +175°C MA4PK2001 MA4PK2002 50 Watts Installation Temperature 250°C/30 Seconds MA4PK2003 MA4PK2004 37.5 Watts Instantaneous Reverse Voltage Voltage Rating MA4PK3001 MA4PK3002 75 Watts Forward Current (RF and DC) 25 Amperes MA4PK3003 MA4PK3004 50 Watts ESD Class 1C, HBM Electrical Specifications1 @ TA = 25°C PARAMETER CONDITION MA4PK2000 Series MA4PK3000 Series Reverse Voltage (Max) VR 10 μA 2000 Volts 3000 Volts Series Resistance (Max) RS F = 4 MHz, I = 0.5 A 0.20 Ω 0.25 Ω Series Resistance (Typ.) RS F = 1.0 -100 MHz, I = 0.5 A 0.10 Ω 0.15 Ω Total Capacitance (Max) CT F = 1 MHz, V = 100 V 3.2 pF 4.0 pF Parallel Resistance (Typ.) RP F =100 MHz, V = 0 V 5K Ω 10K Ω Carrier Lifetime (Min) TL IF = 10 mA 30 μs 65 μs Forward Voltage (Max) VF IF = 1 A 1.2 V 1.2 V Thermal Resistance (Max) Ø 3°C/W (Stud) 4°C/W (Ins Stud) 2°C/W (Stud) 3°C/W (Ins Stud) I-Region Width (Nom) 200 μm 325 μm 1. Specifications Subject to Change Without Notice. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |