Electronic Components Datasheet Search
  English  ▼

X  

LM4862 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4862
Description  675 mW Audio Power Amplifier with Shutdown Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4862 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4862 Datasheet HTML 2Page - National Semiconductor (TI) LM4862 Datasheet HTML 3Page - National Semiconductor (TI) LM4862 Datasheet HTML 4Page - National Semiconductor (TI) LM4862 Datasheet HTML 5Page - National Semiconductor (TI) LM4862 Datasheet HTML 6Page - National Semiconductor (TI) LM4862 Datasheet HTML 7Page - National Semiconductor (TI) LM4862 Datasheet HTML 8Page - National Semiconductor (TI) LM4862 Datasheet HTML 9Page - National Semiconductor (TI) LM4862 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Design a 500 mW/8
Ω Audio Amplifier
Given:
Power Output
500 mWrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using equation 3
and add the dropout voltage. Using this method, the mini-
mum supply voltage would be (V
opeak +(2*VOD)), where
V
OD is extrapolated from the Dropout Voltage vs Supply Volt-
age curve in the Typical Performance Characteristics sec-
tion.
(3)
Using the Output Power vs Supply Voltage graph for an 8
Ω
load, the minimum supply rail is 4.3V. But since 5V is a stan-
dard supply voltage in most applications, it is chosen for the
supply rail. Extra supply voltage creates headroom that al-
lows the LM4862 to reproduce peaks in excess of 500 mW
without clipping the signal. At this time, the designer must
make sure that the power supply choice along with the out-
put impedance does not violate the conditions explained in
the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
(4)
R
f/Ri = AVD/2:
(5)
From equation 4, the minimum A
VD is 2; use AVD = 2.
Since the desired input impedance was 20 k
Ω, and with a
A
VD of 2, a ratio of 1:1 of Rf to Ri results in an allocation of Ri
= R
f = 20 kΩ. The final design step is to address the band-
width requirements which must be stated as a pair of −3 dB
frequency points. Five times away from a −3 dB point is
0.17 dB down from passband response which is better than
the required ±0.25 dB specified. This fact results in a low
and high frequency pole of 20 Hz and 100 kHz respectively.
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i ≥ 1/(2π*20 kΩ*20 Hz) = 0.397 µF; use 0.39 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain,
A
VD. With an AVD = 2 and fH = 100 kHz, the resulting GBWP
= 100 kHz which is much smaller than the LM4862 GBWP of
12.5 MHz. This figure displays that if a designer has a need
to design an amplifier with a higher differential gain, the
LM4862 can still be used without running into bandwidth
problems.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com