Electronic Components Datasheet Search
  English  ▼

X  

MGS801 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MGS801
Description  GaAs Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MGS801 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MGS801 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MGS801 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MGS801 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MGS801 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs Schottky Diodes
Rev. V1
MGS8xx / MGS9xx Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outlines
Rating
Limits
Reverse Voltage
Rated Vbr
Forward Current
50 mA
DC Power Dissipation
75 mW per junction @ TA = 25°C
Operating Temperature
-65°C to +150°
Storage Temperature
-65°C to +150°
Soldering Temperature (packaged)
+260°C for 5 seconds per JEDEC J-STD-20C
Minimum Beam Lead Pull Strength
6 grams
Absolute Maximum Ratings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com