Electronic Components Datasheet Search
  English  ▼

X  

IRFM240 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFM240
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFM240 Datasheet(HTML) 1 Page - Seme LAB

  IRFM240 Datasheet HTML 1Page - Seme LAB IRFM240 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number 4145
Issue 1
IRFM240
2N7219
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VGS
Gate – Source Voltage
ID
Continuous Drain Current
@ VGS = 10V , TC = 25°C
@ VGS = 10V , TC = 100°C
IDM
Pulsed Drain Current
PD
Max. Power Dissipation
@ TC = 25°C
Linear Derating Factor
IAR
Avalanche Current 1
dv / dt
Peak Diode Recovery 2
RθJC
Thermal Resistance Junction – Case
RθJA
Thermal Resistance Junction – Ambient
TJ , TSTG Operating Junction and Storage Temperature Range
TL
Lead Temperature (1.6mm from case for 10s)
±20V
18A
11A
72A
125W
1.0W / °C
18
5.0V / ns
1.0°C / W
48°C / W
–55 to 150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
123
13.59 (0.535)
13.84 (0.545)
3.53 (0.139)
3.78 (0.149)
Dia.
6.32 (0.249)
6.60 (0.260)
1.02 (0.040)
1.27 (0.050)
3.81 (0.150)
BSC
0.89 (0.035)
1.14 (0.045)
3.81 (0.150)
BSC
TO–254AA – Isolated Metal Package
Pin 1 – Drain
Pin 2 – Source
Pin 3 – Gate
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)
1)
VDD = 50V , Starting TJ = 25°C , L ≥ 1.3mH , VGS = 10V , Peak IL = 18A
2)
ISD ≤ 18A , di/dt ≤ 150A / µS , VDD ≤ 200V , TJ ≤ 150°C
N–CHANNEL
POWER MOSFET
FEATURES
• N–CHANNEL MOSFET
• HIGH VOLTAGE
• HERMETIC ISOLATED TO-254 PACKAGE
• ELECTRICALLY ISOLATED
VDSS
200V
ID(cont)
18A
RDS(on)
0.18
Ω
Ω


Similar Part No. - IRFM240

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM240 IRF-IRFM240 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240 Datasheet
178Kb / 7P
POWER MOSFET THRU-HOLE
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFM240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com