Electronic Components Datasheet Search
  English  ▼

X  

IRGS30B60K Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS30B60K
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS30B60K Datasheet(HTML) 2 Page - International Rectifier

  IRGS30B60K Datasheet HTML 1Page - International Rectifier IRGS30B60K Datasheet HTML 2Page - International Rectifier IRGS30B60K Datasheet HTML 3Page - International Rectifier IRGS30B60K Datasheet HTML 4Page - International Rectifier IRGS30B60K Datasheet HTML 5Page - International Rectifier IRGS30B60K Datasheet HTML 6Page - International Rectifier IRGS30B60K Datasheet HTML 7Page - International Rectifier IRGS30B60K Datasheet HTML 8Page - International Rectifier IRGS30B60K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRGB/S/SL30B60K
2
www.irf.com
Note
 to … are on page 13
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Ref.Fig.
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——V
VGE = 0V, IC = 500µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage —0.40
—
V/°C VGE = 0V, IC = 1mA (25°C-150°C)
—1.95
2.35
IC = 30A, VGE = 15V, TJ = 25°C
5,6,7
VCE(on)
Collector-to-Emitter Voltage
—
2.40
2.75
V
IC = 30A, VGE = 15V, TJ = 150°C
8,9,10
—
2.6
2.95
IC = 30A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
3.5
4.5
5.5
V
VCE = VGE, IC = 250µA
8,9,10
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
—
-10
—
mV/°C VCE = VGE, IC = 1.0mA (25°C-150°C)
11
gfe
Forward Transconductance
—
18
—
S
VCE = 50V, IC = 50A, PW = 80µs
—5.0
250
VGE = 0V, VCE = 600V
ICES
Zero Gate Voltage Collector Current
—
1000 2000
µA VGE = 0V, VCE = 600V, TJ = 150°C
—1830 3000
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA VGE = ±20V, VCE = 0V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
Ref.Fig.
Qg
Total Gate Charge (turn-on)
—
102
153
IC = 30A
17
Qge
Gate-to-Emitter Charge (turn-on)
—
14
21
nC VCC = 400V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
—
44
66
VGE = 15V
Eon
Turn-On Switching Loss
—
350
620
IC = 30A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
—
825
955
µJ VGE = 15V, RG = 10Ω, L = 200µH
Etot
Total Switching Loss
—
1175 1575
TJ = 25°C f
td(on)
Turn-On delay time
—
46
60
IC = 30A, VCC = 400V
tr
Rise time
—
28
39
ns VGE = 15V, RG = 10Ω, L = 200µH
CT4
td(off)
Turn-Off delay time
—
185
200
TJ = 25°C
tf
Fall time
—
31
40
Eon
Turn-On Switching Loss
—
635
1085
IC = 30A, VCC = 400V
CT4
Eoff
Turn-Off Switching Loss
—
1150 1350
µJ VGE = 15V, RG = 10Ω, L = 200µH
12,14
Etot
Total Switching Loss
—
1785 2435
TJ = 150°C f
WF1,WF2
td(on)
Turn-On delay time
—
46
60
IC = 30A, VCC = 400V
13,15
tr
Rise time
—
28
39
ns VGE = 15V, RG = 10Ω, L = 200µH
CT4
td(off)
Turn-Off delay time
—
205
235
TJ = 150°C
WF1
tf
Fall time
—
32
42
WF2
LE
Internal Emitter Inductance
—
7.5
—
nH Measured 5mm from package
Cies
Input Capacitance
—
1750 2500
VGE = 0V
Coes
Output Capacitance
—
160
255
pF VCC = 30V
16
Cres
Reverse Transfer Capacitance
—
60
90
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
TJ = 150°C, IC = 120A, Vp = 600V
4
VCC=500V,VGE = +15V to 0V,RG =10Ω
CT2
SCSOA
Short Circuit Safe Operating Area
10
—
—
µs TJ = 150°C, Vp = 600V, RG = 10Ω
CT3
VCC=360V,VGE = +15V to 0V
WF3
ISC (Peak)
Peak Short Circuit Collector Current
—
200
—
A
WF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com