Electronic Components Datasheet Search
  English  ▼

X  

NPT1012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NPT1012
Description  Gallium Nitride 28V, 25W RF Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPT1012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NPT1012 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 7Page - List of Unclassifed Manufacturers NPT1012 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPT1012
NDS-025 Rev. 3, April 2013
NPT1012
Page 1
FEATURES
• Optimized for broadband operation from
DC-4000MHz
• 25W P3dB CW power at 3000MHz
• 16-20W P3dB CW power from 1000-2500MHz in
application board with >45% drain efficiency
• 10-20W P3dB CW power from 30-1000MHz in ap-
plication board with >50% drain efficiency
• High efficiency from 14 - 28V
• 4.0 °C/W RTH with maximum TJ rating of 200 °C
• Robust up to 10:1 VSWR mismatch at all angles
with no device damage at 90 °C flange
• Subject to EAR99 export control
DC – 4000 MHz
25 Watt, 28 Volt
GaN HEMT
Gallium Nitride 28V, 25W RF Power Transistor
Built using the SIGANTIC® NRF1 process - A proprietary GaN-on-Silicon technology
RF Specifications (CW, 3000MHz): VDS = 28V, IDQ = 225mA, TC = 25°C, Measured in Nitronex Test Fixture
Symbol
Parameter
Min
Typ
Max
Units
P3dB
Average Output Power at 3dB Gain Compression
43
44
-
dBm
P1dB
Average Output Power at 1dB Gain Compression
-
43
-
dBm
GSS
Small Signal Gain
12
13
-
dB
h
Drain Efficiency at 3dB Gain Compression
57
65
-
%
VSWR
10:1 VSWR at all phase angles
No damage to the device
Figure 1 - Typical CW Performance in
Load-Pull, VDS = 28V, IDQ = 225mA
Note 1: 500MHz and 900MHz Load-Pull data collected using a 4.7 Ω resistor in the RF path added for stability
Figure 2 - Typical CW Performance1 in
Load-Pull, VDS = 28V, IDQ = 225mA


Similar Part No. - NPT1012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT1012B MA-COM-NPT1012B Datasheet
12Mb / 9P
Next generation high power RF semiconductor technology
NPT1012 MA-COM-NPT1012_15 Datasheet
1,019Kb / 8P
25W RF Power Transistor
More results

Similar Description - NPT1012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
NPTB00025 MA-COM-NPTB00025 Datasheet
683Kb / 6P
Gallium Nitride 28V, 25W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com