Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 17 Page - Linear Integrated Systems

Part # LTM8049
Description  Dual SEPIC or Inverting Module DC DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTM8049 Datasheet(HTML) 17 Page - Linear Integrated Systems

Back Button LTM8049 Datasheet HTML 10Page - Linear Integrated Systems LTM8049 Datasheet HTML 11Page - Linear Integrated Systems LTM8049 Datasheet HTML 12Page - Linear Integrated Systems LTM8049 Datasheet HTML 13Page - Linear Integrated Systems LTM8049 Datasheet HTML 14Page - Linear Integrated Systems LTM8049 Datasheet HTML 15Page - Linear Integrated Systems LTM8049 Datasheet HTML 16Page - Linear Integrated Systems LTM8049 Datasheet HTML 17Page - Linear Integrated Systems LTM8049 Datasheet HTML 18Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
LTM8049
17
8049f
For more information www.linear.com/LTM8049
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTM8049#packaging for the most recent package drawings.
PACKAGE TOP VIEW
4
PIN “A1”
CORNER
Y
X
aaa Z
aaa Z
BGA Package
77-Lead (15.00mm
× 9.00mm × 2.42mm)
(Reference LTC DWG# 05-08-1964 Rev A)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JESD MS-028 AND JEP95
5. PRIMARY DATUM -Z- IS SEATING PLANE
6. SOLDER BALL COMPOSITION IS 96.5% Sn/3.0% Ag/0.5% Cu
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
Øb (77 PLACES)
DETAIL B
SUBSTRATE
A
A1
b1
ccc Z
DETAIL B
PACKAGE SIDE VIEW
MOLD
CAP
Z
M
X Y
Z
ddd
M Z
eee
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
2.22
0.50
1.72
0.60
0.60
0.27
1.45
NOM
2.42
0.60
1.82
0.75
0.63
15.00
9.00
1.27
12.70
7.62
0.32
1.50
MAX
2.62
0.70
1.92
0.90
0.66
0.37
1.55
0.15
0.10
0.20
0.30
0.15
NOTES
DIMENSIONS
TOTAL NUMBER OF BALLS: 77
A2
D
E
H2
H1
BGA 77 0114 REV A
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
LTMXXXXXX
µModule
DETAIL A
PACKAGE BOTTOM VIEW
3
SEE NOTES
A
B
C
D
E
F
G
H
J
K
L
PIN 1
e
b
F
G
7
6
5
4
3
2
1
SUGGESTED PCB LAYOUT
TOP VIEW
0.000
2.540
3.810
5.080
6.350
1.270
3.810
2.540
1.270
5.080
6.350
0.630 ±0.025 Ø 77x
7
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!
7
SEE NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com