Electronic Components Datasheet Search
  English  ▼

X  

IRL3713 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL3713
Description  SMPS MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3713 Datasheet(HTML) 1 Page - International Rectifier

  IRL3713 Datasheet HTML 1Page - International Rectifier IRL3713 Datasheet HTML 2Page - International Rectifier IRL3713 Datasheet HTML 3Page - International Rectifier IRL3713 Datasheet HTML 4Page - International Rectifier IRL3713 Datasheet HTML 5Page - International Rectifier IRL3713 Datasheet HTML 6Page - International Rectifier IRL3713 Datasheet HTML 7Page - International Rectifier IRL3713 Datasheet HTML 8Page - International Rectifier IRL3713 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
11/12/03
IRL3713
IRL3713S
IRL3713L
SMPS MOSFET
HEXFET® Power MOSFET
Notes
 through ‡ are on page 11
D2Pak
IRL3713S
TO-220AB
IRL3713
TO-262
IRL3713L
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Computer Processor Power
l 100% RG Tested
VDSS
RDS(on) max (mW)
ID
30V
3.0@VGS = 10V
260A
†
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
VGS
Gate-to-Source Voltage
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
PD @Tc = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ, TSTG
Junction and Storage Temperature Range
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Junction-to-Case
i
–––
0.45
RqCS
Case-to-Sink, Flat, Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fi
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
°C/W
W
-55 to +175
330
Thermal Resistance
Absolute Maximum Ratings
Max
260
h
180
h
1040
h
30
± 20
2.2
170
PD - 94184D


Similar Part No. - IRL3713

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL3713 ISC-IRL3713 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRL3713LPBF IRF-IRL3713LPBF Datasheet
718Kb / 11P
HEXFET Power MOSFET
IRL3713PBF IRF-IRL3713PBF Datasheet
718Kb / 11P
HEXFET Power MOSFET
IRL3713PBF IRF-IRL3713PBF Datasheet
284Kb / 12P
Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
Ultra-Low Gate Impedance
More results

Similar Description - IRL3713

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com