Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM1U Datasheet(PDF) 5 Page - International Rectifier

Part # IRPLDIM1U
Description  Dimming Ballast Control IC Design Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM1U Datasheet(HTML) 5 Page - International Rectifier

  IRPLDIM1U Datasheet HTML 1Page - International Rectifier IRPLDIM1U Datasheet HTML 2Page - International Rectifier IRPLDIM1U Datasheet HTML 3Page - International Rectifier IRPLDIM1U Datasheet HTML 4Page - International Rectifier IRPLDIM1U Datasheet HTML 5Page - International Rectifier IRPLDIM1U Datasheet HTML 6Page - International Rectifier IRPLDIM1U Datasheet HTML 7Page - International Rectifier IRPLDIM1U Datasheet HTML 8Page - International Rectifier IRPLDIM1U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.irf.com
Power Factor Correction
The power factor correction section consists of the L6561D Power Factor Controller IC (IC1), MOSFET
M1, inductor L2, diode D2, capacitor C8 and additional biasing, sensing and compensation compo-
nents (see schematic diagram). This is a boost topology designed to step-up and regulate the output
DC bus voltage while drawing sinusoidal current from the line (low THD) which is “in phase” with the
AC input line voltage (HPF). The design of the power factor correction section was taken from the
L6561D data sheet and information on the operation and design considerations for the L6561D are
contained therein.
Ballast Control
The ballast control section is built around the IR21592 Ballast Control IC, IC2 of the Demo board.
The IR21592 contains an oscillator, a high voltage half-bridge gate driver, an analog dimming inter-
face and lamp fault protection circuitry. A block diagram of the IR21592 IC is shown in figure 1 and a
state diagram of the IR21592 is shown in figure 2.
Figure 1: IR21592 Block Diagram
LEVEL
SHIFT
PULSE
FILTER &
LATCH
3
5.1V
4
6
10V
2
1.3uA
5
7
8
5.1V
1.0V
CPH
DIM
MAX
MIN
FMIN
IPH
VCO
Q
S
R2 Q
R1
Q
T
RQ
16
14
15
VS
HO
VB
13
11
12
COM
LO
VCC
15.6V
10
1.6V
CS
UNDER-
VOLTAGE
DETECT
1
VDC
I
CT
I
CT
15uA
1uA
60uA
CT
I
FMIN
Q
S
RQ
Q
S
RQ
I
DIM
5.1V
1
0
VCC
400ns
DELAY
5.1V
3V
R
FB
V
ERR
REF
FB
CT
OVER-
TEMP
DETECT
IGN
DET
Q
S
R
Q
9
SD
2.0V
7.6V
Q
S
RQ
I
DT
I
CT
+
I
DIM/5
4/R
FMIN
1/R
FMIN
0.1/R
FMIN
0.1/R
FMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com