Electronic Components Datasheet Search
  English  ▼

X  

KTLP250STLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KTLP250STLD
Description  8PIN IGBT GATE DRIVE PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP250STLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KTLP250STLD Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 6Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 7Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 8Page - COSMO  Electronics Corporation KTLP250STLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51007.2
- 1 -
http://www.cosmo-ic.com
cosmo
KTLP250 Series
8PIN IGBT GATE DRIVE
PHOTOCOUPLER
Description
The KTLP250 series consists of an GaAlAs
Light emitter diode and an integrated. This unit is
8-lead DIP package. KTLP250 series is suitable
for gate driving circuit of IGBT or power
MOSFET.
 Schematic
8
7
6
5
4
3
2
1
1. N.C.
2. Anode
3. Cathode
4. N.C.
5. GND
6. Vo (Voltage Output)
7. Vo (Voltage Output)
8. Vcc
Features
1. This unit is 8.lead DIP package.
2. Input threshold current: IF=5mA (max.)
3. Supply current (Icc): 11mA (max.)
4. Supply voltage (Vcc): 10 – 35V
5. Output current (IO): ±1.5A (max.)
6. Switching time (tpLH/tpHL): 0.5µs (max.)
7. Isolation voltage: 5000Vrms (max.)
8. MSL class 1
9. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40020973): DIN EN60747-5-5
Applications
• Transistor inverter
• Inverter For air conditioner
• IGBT gate drive
• Power MOSFET gate drive
Truth Table
*The use of a 0.1μF bypass capacitor must be
connected between pins 8 and 5 is recommended.
LED
OUTPUT
Q1
Q2
ON
HIGH LEVEL
ON
OFF
OFF
LOW LEVEL
OFF
ON


Similar Part No. - KTLP250STLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP250S COSMO-KTLP250S Datasheet
213Kb / 8P
This unit is 8.lead DIP package
More results

Similar Description - KTLP250STLD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1510 COSMO-KP1510_15 Datasheet
324Kb / 14P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
KTLP350 COSMO-KTLP350_15 Datasheet
344Kb / 13P
8PIN IGBT GATE DRIVE PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
8PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com