Electronic Components Datasheet Search
  English  ▼

X  

MBC75-1012L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MBC75-1012L
Description  3 x 2 x 1 Inch Form Factor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC75-1012L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MBC75-1012L Datasheet HTML 1Page - Bel Fuse Inc. MBC75-1012L Datasheet HTML 2Page - Bel Fuse Inc. MBC75-1012L Datasheet HTML 3Page - Bel Fuse Inc. MBC75-1012L Datasheet HTML 4Page - Bel Fuse Inc. MBC75-1012L Datasheet HTML 5Page - Bel Fuse Inc. MBC75-1012L Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBC75 Series
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD.00665_001
MODEL NUMBER 2
DESCRIPTION
VOLTAGE
MAX. LOAD
(CONVECTION)
MIN. LOAD
RIPPLE & NOISE 1
MBC75-1T12L
MBC75-1012L
Screw Terminal
Molex Header
12 V
6.25 A
0.0 A
1%
MBC75-1T15L
MBC75-1015L
Screw Terminal
Molex Header
15 V
5.00 A
0.0 A
1%
MBC75-1T24L
MBC75-1024L
Screw Terminal
Molex Header
24 V
3.12 A
0.0 A
1%
MBC75-1T30L
MBC75-1030L
Screw Terminal
Molex Header
30 V
2.50 A
0.0 A
1%
MBC75-1T48L
MBC75-1048L
Screw Terminal
Molex Header
48 V
1.56 A
0.0 A
1%
MBC75-1T58L
MBC75-1058L
Screw Terminal
Molex Header
58 V
1.29 A
0.0 A
1%
COVER-75-XBC
metal cover kit accessory
1
Ripple is peak to peak with 20 MHz bandwidth and 10
μF (Tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line
voltage and load ranges.
2
For Class II (without input Earth pin) add suffix -2 (e.g.: MBC75-1012L-2).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com