Electronic Components Datasheet Search
  English  ▼

X  

DS1482 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1482
Description  1-Wire Level Shifter and Line Driver with Load Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1482 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1482 Datasheet HTML 1Page - Dallas Semiconductor DS1482 Datasheet HTML 2Page - Dallas Semiconductor DS1482 Datasheet HTML 3Page - Dallas Semiconductor DS1482 Datasheet HTML 4Page - Dallas Semiconductor DS1482 Datasheet HTML 5Page - Dallas Semiconductor DS1482 Datasheet HTML 6Page - Dallas Semiconductor DS1482 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS1482
3 of 7
Figure 2. Typical Operating Circuit
(21)
VCCQ
SH7622
µC
(164)
TxD0
(171)
RxD0
(32)
PTA0
(31)
PTA1
(178)
IRQ7
VCC
PCTLZ
VCCQ
DS1482
TXD
I/O
RXD
SPU
START
DONE
GND
IRLMS6702
RS
VCC = 5V
1-Wire
NETWORK
VCCQ = 3.3V
Selecting RS
Assuming that the series resistance of the FET in
on-condition can be neglected, the value of RS is
limited as follows:
RSmax = 0.0015 x VCCmin/I(standby,max)
RSmin = 0.01 x VCCmax/I(active,min)
Example:
VCCmin = 4.5V, VCCmax = 5.5V
I(standby,max) = 0.15mA
I(active,min) = 12mA
RSmax = 45
W, RSmin = 4.58W
To maximize available power on the 1-Wire line,
RS should be close to the lowest permissible
value, in this example 5.1
W ±5%. The effect of the
on-chip pullup resistor is negligible.
Figure 3. DS1482 Application Signals, Normal Communication
TXD
SPU, START, DONE ALL LOW
I/O
RXD
H
L
H
L
H
L
Figure 4. DS1482 Application Signals, Strong Pullup Case
TXD
SPU
RXD
I/O
START
CURRENT
tCF
1
DONE
2
3
4
H
L
H
L
H
L
PCTLZ
H
L
H
L
H
L
H
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com