Electronic Components Datasheet Search
  English  ▼

X  

ACTFD001 Datasheet(PDF) 7 Page - Advanced Crystal Technology

Part # ACTFD001
Description  SAW DUPLEXER FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD001 Datasheet(HTML) 7 Page - Advanced Crystal Technology

  ACTFD001 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 7Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 8Page - Advanced Crystal Technology ACTFD001 Datasheet HTML 9Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 -
Electrical Characteristics TX-RX:
Item
Minimum
Typical
Maximum
Unit
Isolation
-
-
824.0 MHz–849.0MHz
IL
51
54
dB
869.0 MHz–894.0MHz
50
53
dB
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response TX-RX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com